Electronic Components Datasheet Search
  English  ▼

X  

OPA818DBVT Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA818DBVT
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA818DBVT Datasheet(HTML) 5 Page - Texas Instruments

  OPA818DBVT Datasheet HTML 1Page - Texas Instruments OPA818DBVT Datasheet HTML 2Page - Texas Instruments OPA818DBVT Datasheet HTML 3Page - Texas Instruments OPA818DBVT Datasheet HTML 4Page - Texas Instruments OPA818DBVT Datasheet HTML 5Page - Texas Instruments OPA818DBVT Datasheet HTML 6Page - Texas Instruments OPA818DBVT Datasheet HTML 7Page - Texas Instruments OPA818DBVT Datasheet HTML 8Page - Texas Instruments OPA818DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
6.5 Electrical Characteristics
at TA ≅ 25°C, VS+ = +5 V, VS– = –5 V, closed-loop gain (G) = 7 V/V, common-mode voltage (VCM) = mid-supply, RF = 301 Ω,
and RL = 100 Ω to mid-supply (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
SSBW
Small-signal bandwidth
VO = 100 mVPP
765
MHz
G = 10, VO = 100 mVPP
430
Frequency response peaking
1.4
dB
LSBW
Large-signal bandwidth
VO = 2 VPP
400
MHz
GBWP
Gain-bandwidth product
G = 101 V/V, VO = 100 mVPP, RF = 3.01 kΩ
2700
MHz
Bandwidth for 0.1dB flatness
VO = 100 mVPP
100
MHz
SR
Slew rate (20%–80%)
VO = 4 V step, rising and falling
1400
V/µs
VO = 4 V step, rising and falling, G = 10
1340
tr/tf
Rise and fall time (10%–90%)
VO = 100 mV step
0.52
ns
tS
Settling time
VO = 2 V step, to 0.1%
5.7
ns
Overshoot and undershoot
VO = 2 V step
7
%
Overdrive recovery time
VO = (VS– – 1 V) to (VS+ + 1 V)
25
ns
HD2
2nd harmonic distortion
VO = 2 VPP
f = 1 MHz
–84
dBc
f = 10 MHz
–64
f = 50 MHz
–52
f = 10 MHz, RL = 1 kΩ
–71
HD3
3rd harmonic distortion
VO = 2 VPP
f = 1 MHz
–106
dBc
f = 10 MHz, DRG package
–99
f = 10 MHz, DBV package
–95
f = 50 MHz
–74
f = 10 MHz, RL = 1 kΩ
–82
en
Input voltage noise
f ≥ 150 kHz
2.2
nV/√Hz
1/f corner
15
kHz
in
Input current noise
f = 10 kHz
3
fA/√Hz
f = 1 MHz
145
ZCL
Closed-loop output impedance
f = 10 MHz
0.2
Ω
DC PERFORMANCE
AOL
Open-loop voltage gain
f = dc, VO = ±2 V
85
92
dB
VOS
Input offset voltage
±0.35
±1.25
mV
TA = –40°C to +85°C
±1.8
Input offset voltage drift(1)
TA = –40°C to +85°C
±3
±20
µV/°C
IB
Input bias current(2)
±4
±25
pA
TA = –40°C to +85°C
700
IOS
Input offset current(2)
±1
±25
pA
CMRR
Common-mode rejection ratio
f = dc, VCM = ±0.5 V
73
90
dB
f = dc, VCM = ±0.5 V, TA = –40°C to +85°C
70
Internal feedback trace
resistance
DRG package only, device turned off, OUT
to FB pin resistance
0.8
1.2
1.7
Ω
INPUT
Common-mode input impedance
500 || 1.9
GΩ || pF
Differential input impedance
500 || 0.5
GΩ || pF
Most positive input voltage(3)
VS+ – 3.6
VS+ – 3.2
V
www.ti.com
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com