Electronic Components Datasheet Search
  English  ▼

X  

VT1712 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # VT1712
Description  PCI Multi-Channel Audio Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VT1712 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button VT1712 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
Revision 2.4, May 28, 2002
3 - 1
PCI Interface and Configuration Registers
VT1712 - PCI Multi-Channel Audio Controller
We Connect
We Connect
We Connect
We Connect
Technologies, Inc.
PCI Interface and Configuration Registers
Table 3-1. PCI Host Interface Register Map
Byte 3
Byte 2
Byte 1
Byte 0
Offset (Hex)
Device Identification
Vendor Identification
00
PCI Device Status
PCI Command
04
Class Code
Reserved. Read as 0
Revision ID
08
BIST
Header Type
Latency Timer
Reserved. Read as 0
0C
Controller I/O Base Address
10
DDMA I/O Base Address
14
DMA Path Registers I/O Base Address
18
Professional Multi-Track I/O Base Address
1C
Subsystem ID
Subsystem Vendor ID
2C
Reserved. Read as 0
30
Capability Pointer
34
Reserved. Read as 0
38
Minimum Latency and Maximum Grant
Interrupt Pin and Line
3C
Legacy Configuration Control
Legacy Audio Control
40
Hardware Configuration Control
60
Power Management Capability
Next Item Pointer
Capability ID
80
PMCSR Support Extensions and Data
Power Management Control and Status
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com