Electronic Components Datasheet Search
  English  ▼

X  

VT1712 Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # VT1712
Description  PCI Multi-Channel Audio Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VT1712 Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button VT1712 Datasheet HTML 69Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 70Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 71Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 72Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 73Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 74Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 75Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 76Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies, Inc.
Revision 2.4, May 28, 2002
4 - 41
Hardware Interfaces & Interface Registers
VT1712 - PCI Multi-Channel Audio Controller
MT3C: Digital Mixer Monitor Routing Control
Address Offset: 3Ch
Default Value: 00h
Figure 4-7. Digital Mixer Functional Diagram
Bits
Attribute
Description
7:6
R0
-
0
R/W
1: Route digital mixer output to the Consumer AC’97 path by allocating Channel-A and B.
Σ
DMA Channel-10
DMA Channel-11
(Playback)
(Record)
slot 10slot 1.....
slot 1.....
slot 10
....
....
36b
36b
24b
24b
24b
0dB
-144dB
Left Monitor Output
(routingselection via MT30, MT32, MT3C)
0dB
-144dB
0dB
-144dB
0dB
-144dB
MT38
MT38
(Stream attenuator selection via MT3A)
Σ
DMA Channel-10
DMA Channel-11
(Playback)
(Record)
slot 10slot 1.....
slot 1.....
slot 10
....
....
36b
36b
24b
24b
24b
0dB
-144dB
Right Monitor Output
(routingselection via MT30, MT32, MT3C)
-144dB
0dB
-144dB
0dB
-144dB
MT39
MT39
(Stream attenuator selection via MT3A)
0dB
Peak
Peak Peak
Peak
Peak
Peak
Peak
Peak
Peak
Peak
Read peaks via MT3E, MT3F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com