Electronic Components Datasheet Search
  English  ▼

X  

VT1712 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # VT1712
Description  PCI Multi-Channel Audio Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VT1712 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button VT1712 Datasheet HTML 49Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 50Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 51Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 52Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 53Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 54Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies, Inc.
Revision 2.4, May 28, 2002
4 - 21
Hardware Interfaces & Interface Registers
VT1712 - PCI Multi-Channel Audio Controller
DS4: Channel Data
Address Offset: 04h - 07h
Default Value: 00000000h.
DS8: Channel Index
Address Offset: 08h
Default Value: 00h
Note:
• When the playback enable bit is changed from 0 to 1 (in Index 4 bit 0), the first active buffer will be from buffer 0.
Before this, the return active address and count will not be updated.
Conditions in DMA transfer:
• 16 bit mono: startingaddress is in 2X and count is multiple of 2X bytes (-1)
• 16 bit stereo: startingaddress is in 4X and count is multiple of 4X bytes (-1)
• 8 bit mono: startingaddress is in 1X and count is multiple of 1X bytes (-1)
• 8 bit stereo: startingaddress is in 2X and count is multiple of 2X bytes (-1)
Bit
Attribute
Description
31:0
R/W
Channel Data register. See 32-bit index register description after
Table 4-5.
Bit
Attribute
Description
7:4
R/W
Channel number. Valid only from Channel-0 to D. E and F are reserved for PCM streams regardless
whether runningin native or SB mode.
3:0
R/W
Channel Index register. The table below is used for command decoding purposes.
Table 4-5. DS8 Register, Low Nibble Index Description Applicable to Channel-0 through D
Index
Attribute
Description
0h
R/W
Bits [27:0]
W: Buffer_0 DMA base address[27:0]
R: current active DMA buffer address[27:0]. Byte address.
1h
R/W
Bits [15:0]
W: Buffer_0 DMA base count [15:0]
R: current active DMA count [15:0]. Program byte count minus one.
2h
R/W
Bits[27:0]
W: Buffer_1 DMA base address bit [27:0]
R: same as in index 0h. Byte address
3h
R/W
Bits [15:0]
W: Buffer_1 DMA base count [15:0]
R: same as in index 1h. Program byte count minus one.
4h
R/W
Bits [7:0] R/W: Channel Control and Status register.
5h
R/W
Bits [19:0] Channel SamplingRate
6h
R/W
Bits [13:0] (see note below) Channel left and right volume/pan control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com