Electronic Components Datasheet Search
  English  ▼

X  

VT1712 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # VT1712
Description  PCI Multi-Channel Audio Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VT1712 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button VT1712 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies, Inc.
Revision 2.4, May 28, 2002
4 - 7
Hardware Interfaces & Interface Registers
VT1712 - PCI Multi-Channel Audio Controller
CCS08: Consumer AC’97 Index
Address Offset: 08h
Default Value: 00h
CCS09: Consumer AC’97 Command and Status
Address Offset: 09h
Default Value: 00h
CCS0A: Consumer AC’97 Data Port
Address Offset: 0Ah - 0Bh
Default Value: 0000h
Bit
Attribute
Description
7
R0b
-
6:0
R/W
AC’97 registers Index. Refer to the AC’97 specification for register descriptions.
Bit
Attribute
Description
7R/W
Cold reset
W: 1 to cold reset the codec. 0: CRST# will be de-asserted.
6
R/W
Warm reset
W: 1 to warm reset the codec by assertingCSYNC. 0: CSYNC will be de-asserted.
5
R/W
W: 1 to write to AC’97 codec registers
R: 1 indicate the write cycle is still in progress. Cleared when write cycle is complete.
4
R/W
W: 1 to read from AC’97 codec registers
R: 1 indicate the read cycle is still in progress. This bit is cleared when there is valid data.
3
RO
AC’97 codec ready status bit.
After power on, driver should check that this bit is 1 before accessingcodec registers.
2
R0b
-
1
R/W
Enable VSR for Playback (DirectSound accelerator bypassed. Only Channel-E and F active)
0
R/W
Enable VSR for Record (digital return feature automatically disabled)
Bit
Attribute
Description
15:8
R/W
AC’97 codec register data higher byte (index 0Bh)
7:0
R/W
AC’97 codec register data lower byte (index 0Ah)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com