Electronic Components Datasheet Search
  English  ▼

X  

VT1712 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # VT1712
Description  PCI Multi-Channel Audio Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VT1712 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button VT1712 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 48Page - List of Unclassifed Manufacturers VT1712 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies, Inc.
Revision 2.4, May 28, 2002
4 - 13
Hardware Interfaces & Interface Registers
VT1712 - PCI Multi-Channel Audio Controller
CCI03: Playback Left Volume / Pan
Index: 03h
Default Value: 07h
CCI04: Playback Right Volume / Pan
Index: 04h
Default Value: 07h
CCI05: Soft Volume / Mute Control
Index: 05h
Default Value: 05h (about 6.4ms from 0 to 96dB)
Bit
Attribute
Description
7:6
R00b
-
5:0
R/W
Left stream volume: 1.5dB attenuation per step. Default: -10.5dB
000000: 0dB
....
000111 : 10.5 dB (default)
....
011111: -46.5dB
111111: muted (instead of -94.5dB)
Bit
Attribute
Description
7:6
R00b
-
5:0
R/W
Right stream volume:1.5dB attenuation per step. Default: -10.5dB
000000: 0dB
....
000111 -10.5 dB (default)
....
011111: -46.5dB
111111: muted (instead of -94.5dB)
Bit
Attribute
Description
7:0
R/W
Soft volume update rate (48 KHz/[CCI05], about every 20
µs*[CCI05] per 1.5dB step).
These bits apply to all the DirectSound channels 0 through D as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com