Electronic Components Datasheet Search
  English  ▼

X  

LTC6412 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6412
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6412 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6412 Datasheet HTML 7Page - Analog Devices LTC6412 Datasheet HTML 8Page - Analog Devices LTC6412 Datasheet HTML 9Page - Analog Devices LTC6412 Datasheet HTML 10Page - Analog Devices LTC6412 Datasheet HTML 11Page - Analog Devices LTC6412 Datasheet HTML 12Page - Analog Devices LTC6412 Datasheet HTML 13Page - Analog Devices LTC6412 Datasheet HTML 14Page - Analog Devices LTC6412 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC6412
11
6412fa
6dB Gain Control Step
70MHz Time Domain Response
10dB Gain Control Step
70MHz Time Domain Response
20dB Gain Control Step
70MHz Time Domain Response
TYPICAL PERFORMANCE CHARACTERISTICS
Electrical Performance in Test Circuits A and B at TA = 25°C and VCC = 3.3V unless otherwise noted.
SHDN Step at GMAX with EN = 0V
70MHz Time Domain Response
SHDN Step at G = 3dB with EN = 0V
70MHz Time Domain Response
Overdrive Compression at GMAX
70MHz Time Domain Response
Overdrive Recovery at GMAX
70MHz Time Domain Response
Output EN Step at GMAX
140MHz Time Domain Response
SHDN Supply Current
Time Domain Response
TIME (ns)
0
0.4
0.6
0.8
400
6412 G34
0.2
0
–0.6
–0.4
100
200
300
50
150
250
350
–0.2
1.2
1.0
EXTERNAL
RF SWITCH PULSE
SMALL SIGNAL
15dB COMPRESSED
RFOUT INTO 50Ω,
10dB ATTENUATED
PEAK
RFOUT = 14dBm
TIME (ns)
0
2.5
EN
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
160
6412 G35
40
80
120
200
140
20
60
100
180
RFOUT
50Ω
PEAK RFOUT = 10dBm
TIME (ms)
0
4.0
6412 G36
80
40
100
60
120
20
0
2.0
0
3.0
1.0
1.0
0.5
2.0
1.5
3.0 3.5
4.5
2.5
5.0
012345
TIME (μs)
6412 G29
RFOUT
50Ω
PEAK
RFOUT = 4dBm
–VG (0.5V/DIV)
020
20dB
10dB
0dB
PEAK GAIN
COMPRESSION
40
60
80
100
TIME (μs)
6412 G33
RFOUT 50Ω
PEAK RFOUT = 14dBm
0
100
200
300
400
500
TIME (μs)
6412 G31
RFOUT
50Ω
PEAK RFOUT = 4dBm
SHDN (1V/DIV)
0
100
200
300
400
500
TIME (μs)
6412 G32
RFOUT
50Ω
PEAK RFOUT = 4dBm
SHDN (1V/DIV)
012345
TIME (μs)
6412 G28
RFOUT
50Ω
PEAK
RFOUT = 4dBm
–VG (0.25V/DIV)
012345
TIME (μs)
6412 G30
RFOUT
50Ω
PEAK
RFOUT = 4dBm
–VG (0.5V/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com