Electronic Components Datasheet Search
  English  ▼

X  

LTC6412 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC6412
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6412 Datasheet(HTML) 3 Page - Analog Devices

  LTC6412 Datasheet HTML 1Page - Analog Devices LTC6412 Datasheet HTML 2Page - Analog Devices LTC6412 Datasheet HTML 3Page - Analog Devices LTC6412 Datasheet HTML 4Page - Analog Devices LTC6412 Datasheet HTML 5Page - Analog Devices LTC6412 Datasheet HTML 6Page - Analog Devices LTC6412 Datasheet HTML 7Page - Analog Devices LTC6412 Datasheet HTML 8Page - Analog Devices LTC6412 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC6412
3
6412fa
DC ELECTRICAL CHARACTERISTICS The l denotes specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. DC electrical performance measured using DC test circuit schematic.
VIN(DIFF) is defined as (+IN) – (–IN). VOUT(DIFF) is defined as (+OUT) – (–OUT). VIN(CM) is defined as [(+IN) + (–IN)]/2. VOUT(CM) is
defined as [(+OUT) + (–OUT)]/2. Unless noted otherwise, default operating conditions are VCC = 3.3V, EN = 0.8V, SHDN = 2.2V, +VG tied
to VREF (negative gain slope mode), VOUT(CM) = 3.3V. Differential power gain defined at ZSOURCE = 50Ω differential and ZLOAD = 200Ω
differential.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gain Characteristics
GMAX
Maximum Differential Power Gain (Note 4)
–VG = 0V, VIN(DIFF) = 100mV
l
16.1
15.5
17.1
18.1
18.7
dB
dB
GMIN
Minimum Differential Power Gain (Note 4)
–VG = 1.2V, VIN(DIFF) = 200mV
l
–16.2
–16.8
–14.9
–13.6
–13.0
dB
dB
GRANGE
Differential Power Gain Range
GMAX-GMIN
l
30.7
30.1
31.9
33.1
33.7
dB
dB
TCGAIN
Temperature Coefficient of Gain at Fixed VG
–VG = 0V to 1.2V
–0.007
dB/°C
GSLOPE
Gain Control Slope
–VG = 0.2V to 1.0V, 85 Points, Slope of the
Least-Square Fit Line
l
–34.1
–34.7
–32.9
–31.7
–31.1
dB/V
dB/V
GCONF(AVE)
Average Conformance Error to Gain Slope Line
–VG = 0.2V to 1.0V, 85 Points, Standard
Error to the Least-Square Fit Line
0.12
0.20
dB
GCONF(MAX)
Maximum Conformance Error to Gain Slope
Line
–VG = 0.2V to 1.0V, 85 points, Maximum
Error to the Least-Square Fit Line
0.20
0.45
dB
+IN and –IN Pins
RIN(GMAX)
Differential Input Resistance at Maximum Gain
–VG = 0V, VIN(DIFF) = 100mV
l
49
47
57
65
67
Ω
Ω
RIN(GMIN)
Differential Input Resistance at Minimum Gain
–VG = 1.2V, VIN(DIFF) = 200mV
l
49
47
57
65
67
Ω
Ω
VINCM(GMAX)
Input Common Mode Voltage at Maximum Gain –VG = 0V, DC Blocking Capacitor to Input
640
mV
VINCM(GMIN)
Input Common Mode Voltage at Minimum Gain –VG = 1.2V, DC Blocking Capacitor to Input
640
mV
+VG, –VG, and VREF Pins
RIH(+VG)
+VG Input High Resistance
+VG = 1.0V, –VG Tied to VREF,
RIN(+VG) = 1V/Δ IIL(+VG)
l
7.8
7.2
9.2
10.6
11.6
kΩ
kΩ
RIH(–VG)
–VG Input High Resistance
–VG = 1.0V, +VG Tied to VREF,
RIN(–VG) = 1V/Δ IIL(–VG)
l
7.8
7.2
9.2
10.6
11.6
kΩ
kΩ
IIL(+VG)
+VG Input Low Current
+VG = 0V, –VG Tied to VREF
l
–9
–10
–5
–1
–1
μA
μA
IIL(–VG)
–VG Input Low Current
–VG = 0V, +VG Tied to VREF
l
–9
–10
–5
–1
–1
μA
μA
VREF
Internal Bias Voltage
–VG = 0V, +VG Tied to VREF
l
590
580
615
640
650
mV
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com