Electronic Components Datasheet Search
  English  ▼

X  

LTC6412 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC6412
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6412 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC6412 Datasheet HTML 16Page - Analog Devices LTC6412 Datasheet HTML 17Page - Analog Devices LTC6412 Datasheet HTML 18Page - Analog Devices LTC6412 Datasheet HTML 19Page - Analog Devices LTC6412 Datasheet HTML 20Page - Analog Devices LTC6412 Datasheet HTML 21Page - Analog Devices LTC6412 Datasheet HTML 22Page - Analog Devices LTC6412 Datasheet HTML 23Page - Analog Devices LTC6412 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC6412
21
6412fa
APPLICATIONS INFORMATION
VCC
0.1μF
0.1μF
C1
10mil
LINE WIDTH
L1
L2
(a)
C2
0.1μF
CO
ZOUT = 200Ω
DIFFERENTIAL
L1 = L2
C1 = C2
NOTE: DASHED LINE COMPONENTS
ARE FOR BANDPASS FILTERING
(SEE TEXT)
L1 = L2
C1 = C2
T2 = MABAES0061
ZOUT = 50Ω
SINGLE ENDED
+OUT
–OUT
LTC6412
VCC
0.1μF
L1
L2
(b)
C2
T2
4:1
C1
CO
+OUT
–OUT
LTC6412
VCC
0.1μF
0.1μF
C1
C2 LC
BALUN
6412 F09
L1
LCHOKE
L2
(d)
+OUT
–OUT
LTC6412
VCC
0.1μF
(c)
+OUT
–OUT
LTC6412
AT RESONANCE,
L1 = L2 = L
C1 = C2 = C
DIFFERENTIAL
ZOUT =
200Ω
2
+
+
1
CO
1
C2
1
C1
1
CO
fO =
XC =
AT RESONANCE,
SINGLE ENDED
1
2π√LC
1
2πfOC
ZOUT =
XC
2
200Ω
Figure 9. Output AC/DC Coupling, Filter and Balun Circuit Design Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com