Electronic Components Datasheet Search
  English  ▼

X  

LTC6412 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC6412
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6412 Datasheet(HTML) 2 Page - Analog Devices

  LTC6412 Datasheet HTML 1Page - Analog Devices LTC6412 Datasheet HTML 2Page - Analog Devices LTC6412 Datasheet HTML 3Page - Analog Devices LTC6412 Datasheet HTML 4Page - Analog Devices LTC6412 Datasheet HTML 5Page - Analog Devices LTC6412 Datasheet HTML 6Page - Analog Devices LTC6412 Datasheet HTML 7Page - Analog Devices LTC6412 Datasheet HTML 8Page - Analog Devices LTC6412 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC6412
2
6412fa
Total Supply Voltage (VCC to GND)...........................3.8V
Amplifier Input Current (+IN, –IN)........................±20mA
Amplifier Output Current (+OUT, –OUT)...............±70mA
Input Current (+VG, –VG, VREF, EN, SHDN ) .........±10mA
Input Current (VCM, DECL1, DECL2) ....................±10mA
RF Input Power, Continuous, 50Ω......................+15dBm
RF Input Power, 100μs pulse, 50Ω ....................+20dBm
Operating Temperature Range (Note 2).... –40°C to 85°C
Specified Temperature Range (Note 3) .... –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Junction Temperature ........................................... 150°C
(Note 1)
24 23 22 21 20 19
7
8
9
TOP VIEW
UF PACKAGE
24-LEAD (4mm
4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
GND
+IN
–IN
VCM
VCM
VCC
GND
+OUT
–OUT
GND
DECL2
VCC
25
TJMAX = 150°C, θJA = 37°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6412CUF#PBF
LTC6412CUF#TRPBF
6412
24-Lead (4mm
× 4mm) Plastic QFN
0°C to 70°C
LTC6412IUF#PBF
LTC6412IUF#TRPBF
6412
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com