Electronic Components Datasheet Search
  English  ▼

X  

LTC6412 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC6412
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6412 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC6412 Datasheet HTML 16Page - Analog Devices LTC6412 Datasheet HTML 17Page - Analog Devices LTC6412 Datasheet HTML 18Page - Analog Devices LTC6412 Datasheet HTML 19Page - Analog Devices LTC6412 Datasheet HTML 20Page - Analog Devices LTC6412 Datasheet HTML 21Page - Analog Devices LTC6412 Datasheet HTML 22Page - Analog Devices LTC6412 Datasheet HTML 23Page - Analog Devices LTC6412 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC6412
24
6412fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 0410 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
Fixed Gain IF Amplifiers/ADC Drivers
LT1993-2, LT1993-4,
LT1993-10
800MHz Differential Amplifier/ADC Drivers
–72dBc IM3 at 70MHz 2VP-P Composite, AV = 2V/V, 4V/V, 10V/V
LTC6400-8, LTC6400-14,
LTC6400-20, LTC6400-26
1.8GHz Low Noise, Low Distortion Differential
ADC Drivers
–71dBc IM3 at 240MHz 2VP-P Composite, IS = 90mA, AV = 8dB, 14dB,
20dB, 26dB
LTC6401-8, LTC6401-14,
LTC6401-20, LTC6401-26
1.3GHz Low Noise, Low Distortion Differential
ADC Drivers
–74dBc IM3 at 140MHz 2VP-P Composite, IS = 50mA, AV = 8dB, 14dB,
20dB, 26dB
LT6402-6, LT6402-12,
LT6402-20
300MHz Differential Amplifier/ADC Drivers
–71dBc IM3 at 20MHz 2VP-P Composite, AV = 6dB, 12dB, 20dB
LTC6410-6
1.4GHz Differential IF Amplifier with Configurable
Input Impedance
OIP3 = 36dBm at 70MHz, Flexible Interface to Mixer IF Port
LTC6416
2GHz, 16-Bit Differential ADC Buffer
–72dBc IM2 at 300MHz 2VP-P Composite, IS = 42mA, eN = 2.8nV/√Hz,
AV = 0dB, 300MHz ±0.1dB Bandwidth
LTC6420-20
Dual 1.8GHz Low Noise, Low Distortion
Differential ADC Drivers
Dual Version of the LTC6400-20, AV = 20dB
LTC6421-20
Dual 1.3GHz Low Noise, Low Distortion
Differential ADC Drivers
Dual Version of the LTC6401-20, AV = 20dB
IF Amplifiers/ADC Drivers with Digitally Controlled Gain
LT5514
Ultralow Distortion IF Amplifier/ADC Driver with
Digitally Controlled Gain
OIP3 = 47dBm at 100MHz, Gain Range 10.5dB to 33dB by 1.5dB
LT5524
Low Distortion IF Amplifier/ADC Driver with
Digitally Controlled Gain
OIP3 = 40dBm at 100MHz, Gain Range 4.5dB to 37dB by 1.5dB
LT5554
High Dynamic Range 7-Bit Digitally Controlled IF
VGA/ADC Driver
OIP3 = 46dBm at 200MHz, Gain Range 1.725 to 17.6dB by 0.125dB
Baseband Differential Amplifiers
LT1994
Low Noise, Low Distortion Differential
Amplifier/ADC Driver
16-Bit SNR, SFDR at 1MHz, Rail-to-Rail Outputs
LTC6403-1
Low Noise Rail-to-Rail Output Differential
Amplifier/ADC Driver
16-Bit SNR, SFDR at 3MHz, Rail-to-Rail Outputs, eN = 2.8nV/√Hz
LTC6404-1, LTC6404-2
Low Noise Rail-to-Rail Output Differential
Amplifier/ADC Driver
16-Bit SNR, SFDR at 10MHz, Rail-to-Rail Outputs, eN = 1.5nV/√Hz,
LTC6404-1 is Unity-Gain Stable, LTC6404-2 is Gain-of-2 Stable
LTC6406
3GHz Rail-to-Rail Input Differential Amplifier/ADC
Driver
–65dBc IM3 at 50MHz 2VP-P Composite, Rail-to-Rail Inputs,
eN = 1.6nV/√Hz, 18mA
LT6411
Low Power Differential ADC Driver/Dual
Selectable Gain Amplifier
–83dBc IM3 at 70MHz 2VP-P Composite, AV = 1, –1 or 2, 16mA, Excellent
for Single-Ended to Differential Conversion
Low Noise DAC for Gain Control
LTC2630-10
Low Power, Internal Reference, Single Supply
10-Bit DAC
SPI Input, 2.5V Output Range, Resistor Divide Output by ~2:1
LTC2640-10
Low Power, Internal Reference, Single Supply
10-Bit DAC
SPI Input, 2.5V Output Range, Resistor Divide Output by ~2:1
LTC2641-12
Low Noise, Low Power, Single Supply 12-Bit DAC SPI Input, Low Glitch Impulse, Power-On to Zero-Scale
LTC2642-12
Low Noise, Low Power, Single Supply 12-Bit DAC SPI Input, Low Glitch Impulse, Power-On to Mid-Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com