Electronic Components Datasheet Search
  English  ▼

X  

LTC6412 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6412
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6412 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6412 Datasheet HTML 9Page - Analog Devices LTC6412 Datasheet HTML 10Page - Analog Devices LTC6412 Datasheet HTML 11Page - Analog Devices LTC6412 Datasheet HTML 12Page - Analog Devices LTC6412 Datasheet HTML 13Page - Analog Devices LTC6412 Datasheet HTML 14Page - Analog Devices LTC6412 Datasheet HTML 15Page - Analog Devices LTC6412 Datasheet HTML 16Page - Analog Devices LTC6412 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC6412
13
6412fa
BLOCK DIAGRAM
DC TEST CIRCUIT
9
2
BUFFER/
OUTPUT
AMPLIFIER
ATTENUATOR
CONTROL
REFERENCE AND BIAS CONTROL
+VG
+IN
3
–IN
4
5
VCM
VCM
10
VREF
11
1
–VG GND
8
GND
12
GND
15
GND
21
EN
22
24
19
13
6
SHDN
18
GND
15
GND
VCC
VCC
VCC
VCC
23
GND
DECL2
6412 BD
25
14
DECL1
7
–OUT
16
+OUT
17
EXPOSED
PAD
REFERENCE AND
BIAS CONTROL
• • •
• • •
• • •
0.1μF
0.1μF
GAIN CONTROL
(NEGATIVE SLOPE)
0.1μF
100Ω
6412 TC
100Ω
–OUT
VSUPPLY ≈ VCC + 2.3V
VSUPPLY ≈ VCC + 2.3V
LTC6412
VCC
2.2V 0.8V
+OUT
–IN
+IN
–IN
+IN
–OUT
VOUT(DIFF) = (+OUT) – (–OUT)
VOUT(CM) = [(+OUT) + (–OUT)]/2
VIN(DIFF) = (+IN) – (–IN)
VIN(CM) = [(+IN) + (–IN)]/2
+OUT
0.1μF
0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com