Electronic Components Datasheet Search
  English  ▼

X  

MAX4361ESA Datasheet(PDF) 4 Page - Analog Devices

Part # MAX4361ESA
Description  ADSL Drivers/Receivers for Customer Premise Equipment
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4361ESA Datasheet(HTML) 4 Page - Analog Devices

  MAX4361ESA Datasheet HTML 1Page - Analog Devices MAX4361ESA Datasheet HTML 2Page - Analog Devices MAX4361ESA Datasheet HTML 3Page - Analog Devices MAX4361ESA Datasheet HTML 4Page - Analog Devices MAX4361ESA Datasheet HTML 5Page - Analog Devices MAX4361ESA Datasheet HTML 6Page - Analog Devices MAX4361ESA Datasheet HTML 7Page - Analog Devices MAX4361ESA Datasheet HTML 8Page - Analog Devices MAX4361ESA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ADSL Drivers/Receivers for Customer Premise
Equipment
4
_______________________________________________________________________________________
Note 1: Guaranteed by the Power-Supply Rejection Ratio (PSRR) test.
Note 2: Implied by worst-case output-voltage swing (VOUT(DIFF)), crest factor (Cr) and load resistance (RL):
PDriver = 10log((250 ✕ (VOUT(DIFF) )^2 / ((Cr)^2 ✕ RL)) dBmW
Note 3: Guaranteed by design.
Note 4: May exceed absolute maximum ratings for power dissipation if unit is subject to full-scale sinusoids for long periods
(see Applications Information section).
ELECTRICAL CHARACTERISTICS—Receiver (MAX4363 only)
(V+ = 5V, GND = 0, VCM = 2.5V, RL =
∞, SHDN = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values specified at
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Spurious-Free Dynamic Range
SFDR
G = 1, f = 1MHz, VOUT = 1VP-P
-75
dBc
Gain-Bandwidth Product
GBW
190
MHz
Open-Loop Gain
AVOL
1.5V
≤ VOUT ≤ 3.5V
65
77
dB
Peak Output Current
IOUT
RL = 50
Ω, inferred from Output-Voltage
Swing test
18
25
mA
Input Offset Voltage
VOS
±0.5
±10
mV
Input Bias Current
IB
-0.75
-2
µA
Input Offset Current
IOS
±20
±250
nA
Input Capacitance
CIN
1.6
pF
Differential Input Resistance
RIN(DIFF)
76
k
Ω
Input Common-Mode Voltage
Range
VCM
Inferred from CMRR test
0.25
3.80
V
Common-Mode Rejection Ratio
CMRR
0.25V
≤ VCM ≤ 3.8V
70
87
dB
Power-Supply Rejection Ratio
PSRR
V+ = 4.5V to 5.5V
60
75
dB
AC Power-Supply Rejection
Ratio
PSRRAC
f = 1MHz
47
dB
(V+) - VOH
0.64
1
RL =
∞
VOL
0.73
1
(V+) - VOH
1.27
1.5
Output-Voltage Swing
VOH, VOL
RL = 50
Ω
VOL
1.37
1.6
V
Output Short-Circuit Current
ISC
±130
mA
Output Resistance
ROUT
G = 1
0.001
Ω
Slew Rate
SR
VOUT = 1VP-P step
160
V/µs
Settling Time (1%)
tS
VOUT = 100mVP-P step, G = 1
40
ns
Voltage-Noise Density
en
f = 1MHz
8.5
nV/
√Hz
Current-Noise Density
in
f = 1MHz
0.5
pA/
√Hz
Driver-Receiver Crosstalk
XTALK
f = 100kHz
95
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com