Electronic Components Datasheet Search
  English  ▼

X  

MAX4361ESA Datasheet(PDF) 5 Page - Analog Devices

Part # MAX4361ESA
Description  ADSL Drivers/Receivers for Customer Premise Equipment
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4361ESA Datasheet(HTML) 5 Page - Analog Devices

  MAX4361ESA Datasheet HTML 1Page - Analog Devices MAX4361ESA Datasheet HTML 2Page - Analog Devices MAX4361ESA Datasheet HTML 3Page - Analog Devices MAX4361ESA Datasheet HTML 4Page - Analog Devices MAX4361ESA Datasheet HTML 5Page - Analog Devices MAX4361ESA Datasheet HTML 6Page - Analog Devices MAX4361ESA Datasheet HTML 7Page - Analog Devices MAX4361ESA Datasheet HTML 8Page - Analog Devices MAX4361ESA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ADSL Drivers/Receivers for Customer Premise
Equipment
_______________________________________________________________________________________
5
DRIVER DIFFERENTIAL DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
100k
-90
-80
-70
-60
-50
-40
-100
10k
1M
VOUT = 7.2VP-P
G = 3
RL = 12.5
Ω
3RD HARMONIC
2ND HARMONIC
PEAK-TO-PEAK OUTPUT VOLTAGE (V)
7
6
5
4
3
-90
-80
-70
-60
-50
-40
-100
28
DRIVER DIFFERENTIAL DISTORTION
vs. PEAK-TO-PEAK OUTPUT VOLTAGE
f = 100kHz
G = 3
RL = 12.5
9
3RD HARMONIC
2ND HARMONIC
RLOAD (
Ω)
85
65
45
25
-90
-80
-70
-60
-100
5
DRIVER DIFFERENTIAL DISTORTION
vs. LOAD RESISTANCE
VOUT = 5VP-P
f = 100kHz
G = 3
RL = 12.5
Ω
3RD HARMONIC
2ND HARMONIC
TRANSFORMER TURNS RATIO
4.8
4.6
4.2 4.4
3.4 3.6 3.8 4.0
3.2
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
10.0
3.0
5.0
DRIVER LINE POWER
vs. TURNS RATIO
V+ = 5.5V
V+ = 4.5V
V+ = 5V
FREQUENCY (Hz)
100k
10k
10
1M
1k
100
1
10
100
1
MAX4361 toc05
DRIVER CURRENT AND VOLTAGE NOISE
vs. FREQUENCY
VNOISE
INOISE
FREQUENCY (Hz)
10M
1M
0.1
1
10
100
1k
10k
100k
0.01
100k
100M
DRIVER OUTPUT IMPEDANCE
vs. FREQUENCY
SHDN = VCC
SHDN = GND
FREQUENCY (Hz)
100M
10M
1M
100k
-25
-20
-15
-10
-5
0
5
10
15
20
-30
-150
-120
-90
-60
-30
0
30
60
90
120
-180
10k
1G
MAX4361 toc07
DRIVER GAIN AND PHASE
vs. FREQUENCY
GAIN
PHASE
G = 3
RL = 12.5
Ω
FREQUENCY (Hz)
10M
1M
100k
10k
-70
-60
-50
-40
-30
-20
-10
0
10
-80
1k
1G
DRIVER POWER-SUPPLY REJECTION
RATIO vs. FREQUENCY
G = 1
DRIVER OUTPUT SWING
vs. LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
1k
100
10
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
1.1
1
10k
1.0
-SWING
+SWING
Typical Operating Characteristics
(V+ = 5V, GND = 0, VCM = 2.5V, RL = 12.5
Ω, SHDN = 0, TA = +25°C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com