Electronic Components Datasheet Search
  English  ▼

X  

MAX4361ESA Datasheet(PDF) 7 Page - Analog Devices

Part # MAX4361ESA
Description  ADSL Drivers/Receivers for Customer Premise Equipment
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4361ESA Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX4361ESA Datasheet HTML 3Page - Analog Devices MAX4361ESA Datasheet HTML 4Page - Analog Devices MAX4361ESA Datasheet HTML 5Page - Analog Devices MAX4361ESA Datasheet HTML 6Page - Analog Devices MAX4361ESA Datasheet HTML 7Page - Analog Devices MAX4361ESA Datasheet HTML 8Page - Analog Devices MAX4361ESA Datasheet HTML 9Page - Analog Devices MAX4361ESA Datasheet HTML 10Page - Analog Devices MAX4361ESA Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ADSL Drivers/Receivers for Customer Premise
Equipment
_______________________________________________________________________________________
7
Pin Descriptions
PIN
NAME
FUNCTION
1, 4
GND
Ground
2
IN+
First Driver Input
3
IN-
Second Driver Input
5
OUT-
Second Driver Output
6, 7
V+
Positive Power-Supply Voltage. Bypass V+ to GND with a 0.1µF capacitor.
8
OUT+
First Driver Output
MAX4361
PIN
µMAX
SO
NAME
FUNCTION
1
2
T1IN+
First Driver Noninverting Input
2
3
T1IN-
First Driver Inverting Input
3
4
SHDN
Shutdown. Connect to GND for normal operation.
4
5
T2IN-
Second Driver Inverting Input
5
6
T2IN+
Second Driver Noninverting Input
6, 10
9, 13
GND
Ground
7
10
T2OUT
Second Driver Output
8
11
V+
Positive Power-Supply Voltage. Bypass V+ to GND with a 0.1µF capacitor.
9
12
T1OUT
First Driver Output
—
1, 7, 8, 14
N.C.
No Connection. Not internally connected.
MAX4362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com