Electronic Components Datasheet Search
  English  ▼

X  

MAX4361ESA Datasheet(PDF) 8 Page - Analog Devices

Part # MAX4361ESA
Description  ADSL Drivers/Receivers for Customer Premise Equipment
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4361ESA Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX4361ESA Datasheet HTML 4Page - Analog Devices MAX4361ESA Datasheet HTML 5Page - Analog Devices MAX4361ESA Datasheet HTML 6Page - Analog Devices MAX4361ESA Datasheet HTML 7Page - Analog Devices MAX4361ESA Datasheet HTML 8Page - Analog Devices MAX4361ESA Datasheet HTML 9Page - Analog Devices MAX4361ESA Datasheet HTML 10Page - Analog Devices MAX4361ESA Datasheet HTML 11Page - Analog Devices MAX4361ESA Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ADSL Drivers/Receivers for Customer Premise
Equipment
8
_______________________________________________________________________________________
Detailed Description
The MAX4361/MAX4362/MAX4363 are a family of high-
performance ADSL drivers and drivers/receivers ideal
for the upstream transmit path and the downstream
receive path of customer premise equipment. These
devices operate from a single 5V supply and deliver up
to 12.5dBm average line power for DMT modulated sig-
nals, meeting the requirements of full-rate ADSL. SFDR
at full output power is typically -75dBc at 100kHz.
Differential In/Differential Out ADSL Driver
(MAX4361)
The MAX4361 is a differential line driver with a fixed
gain of 3.1V/V. The gain is set by three internal resistors.
Uncommitted Dual Amplifier for ADSL
Driver (MAX4362)
The MAX4362 is a dual amplifier with shutdown intend-
ed for use as a differential IN/differential OUT driver
with gain set with external resistors
Uncommitted Quad Amplifier for ADSL
Driver/Receiver (MAX4363)
The MAX4363 is a quad amplifier with shutdown intended
for use as a differential IN/differential OUT driver/receiver
combination with gain set with external resistors.
Shutdown
The MAX4362/MAX4363 feature a low-power shutdown
mode. When the SHDN pin is pulled high, the supply
current drops to 70µA, and the amplifier’s outputs are
placed in a high-impedance disable mode. Connect
SHDN to GND for normal operation.
PIN
NAME
FUNCTION
1
T1IN+
First Driver Noninverting Input
2
T1IN-
First Driver Inverting Input
3
SHDN
Shutdown. Connect to GND for normal operation.
4
T2IN-
Second Driver Inverting Input
5
T2IN+
Second Driver Noninverting Input
6
GND
Ground
7
R1IN+
First Receiver Noninverting Input
8
R1IN-
First Receiver Inverting Input
9
R2IN-
Second Receiver Inverting Input
10
R2IN+
Second Receiver Noninverting Input
11
R2OUT
Second Receiver Output
12
R1OUT
First Receiver Output
13
GND (RX)
Ground for Receiver Amplifiers
14
V+ (RX)
Positive Power-Supply Voltage for Receiver Amplifiers. Bypass V+ (RX) to GND (RX) with a
separate 0.1µF capacitor.
15
N.C.
No Connection. Not internally connected.
16, 20
GND (TX)
Ground for Driver Amplifier
17
T2OUT
Second Driver Output
18
V+ (TX)
Positive Power-Supply Voltage for Driver Amplifiers. Bypass V+ (TX) to GND (TX) with a
separate 0.1µF capacitor.
19
T1OUT
First Driver Output
MAX4363
Pin Descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com