Electronic Components Datasheet Search
  English  ▼

X  

MAX4361ESA Datasheet(PDF) 6 Page - Analog Devices

Part # MAX4361ESA
Description  ADSL Drivers/Receivers for Customer Premise Equipment
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4361ESA Datasheet(HTML) 6 Page - Analog Devices

Back Button MAX4361ESA Datasheet HTML 2Page - Analog Devices MAX4361ESA Datasheet HTML 3Page - Analog Devices MAX4361ESA Datasheet HTML 4Page - Analog Devices MAX4361ESA Datasheet HTML 5Page - Analog Devices MAX4361ESA Datasheet HTML 6Page - Analog Devices MAX4361ESA Datasheet HTML 7Page - Analog Devices MAX4361ESA Datasheet HTML 8Page - Analog Devices MAX4361ESA Datasheet HTML 9Page - Analog Devices MAX4361ESA Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ADSL Drivers/Receivers for Customer Premise
Equipment
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(V+ = 5V, GND = 0, VCM = 2.5V, RL = 12.5
Ω, SHDN = 0, TA = +25°C.)
FREQUENCY (Hz)
100k
-90
-80
-70
-60
-50
-40
-100
10k
1M
RECEIVER DIFFERENTIAL DISTORTION
vs. FREQUENCY
3RD HARMONIC
2ND HARMONIC
VOUT = 1VP-P
G = 1
RL = 150
Ω
FREQUENCY (Hz)
100k
10k
1
1M
1k
100
0.1
1
10
10
100
0.1
MAX4361 toc11
RECEIVER CURRENT AND VOLTAGE
NOISE vs. FREQUENCY
VNOISE
INOISE
RECEIVER GAIN AND PHASE
vs. FREQUENCY
MAX4361 toc12
FREQUENCY (Hz)
100M
10M
1M
100k
-20
-10
0
10
20
30
40
50
60
70
-30
10k
1G
GAIN
PHASE
G = 1000
RL = 500
Ω
-150
-120
-90
-60
-30
0
30
60
90
120
-180
FREQUENCY (Hz)
10M
1M
100k
10k
-70
-60
-50
-40
-30
-20
-10
0
10
-80
1k
100M
RECEIVER POWER-SUPPLY REJECTION
RATIO vs. FREQUENCY
G = 1
DRIVER-TO-RECEIVER CROSSTALK
vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
100k
-100
-80
-60
-40
-20
0
-120
10k
1G
RL = 12.5
Ω
NO LOAD
RECEIVER-TO-RECEIVER CROSSTALK
vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
100k
-100
-80
-60
-40
-20
0
-120
10k
1G
NO LOAD
RL = 150
Ω
RECEIVER OUTPUT AMPLITUDE
vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
100k
-8
-6
-4
-2
0
2
4
-10
10k
1G
RF = 100
Ω
RF = 1k
Ω
RF = 500
Ω
G = -1
RL = 150
Ω
VP-P = 100mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com