Electronic Components Datasheet Search
  English  ▼

X  

MAX4361ESA Datasheet(PDF) 1 Page - Analog Devices

Part # MAX4361ESA
Description  ADSL Drivers/Receivers for Customer Premise Equipment
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4361ESA Datasheet(HTML) 1 Page - Analog Devices

  MAX4361ESA Datasheet HTML 1Page - Analog Devices MAX4361ESA Datasheet HTML 2Page - Analog Devices MAX4361ESA Datasheet HTML 3Page - Analog Devices MAX4361ESA Datasheet HTML 4Page - Analog Devices MAX4361ESA Datasheet HTML 5Page - Analog Devices MAX4361ESA Datasheet HTML 6Page - Analog Devices MAX4361ESA Datasheet HTML 7Page - Analog Devices MAX4361ESA Datasheet HTML 8Page - Analog Devices MAX4361ESA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX4361/MAX4362/MAX4363 are a family of high-
performance ADSL drivers and drivers/receivers ideal
for the upstream transmit path and the downstream
receive path of customer premise equipment. These
devices operate from a single 5V supply and deliver up
to 12.5dBm average line power for DMT modulated sig-
nals, meeting the requirements of full-rate ADSL.
Spurious-free dynamic range (SFDR) at full output
power is typically -75dBC at 100kHz.
The MAX4361 is a differential IN/differential OUT driver
with a fixed gain of 3.1V/V. The MAX4362 is a dual
amplifier with shutdown intended for use as a differen-
tial IN/differential OUT driver with gain set with external
resistors. The MAX4363 is a quad amplifier with shut-
down intended for use as a differential IN/differential
OUT driver/receiver combination with gain set with
external resistors.
The MAX4361 is offered in a space-saving 8-pin µMAX
package.
Applications
ADSL Line Interface
HDSL Line Driver
Features
o Low-Noise Driver
4.8nV/
√Hz Voltage-Noise Density
1.5pA/
√Hz Current-Noise Density
o Full-Rate ADSL ATU-R Line Drivers and Receivers
o Single 5V Supply
o -75dBc SFDR at Full Output Power at 100kHz
o -95dB Driver-to-Receiver Crosstalk (MAX4363)
o +12.5dBm Average Line Power (DMT)
o 280mA (min) Peak Output Current
o Rail-to-Rail® Output Swing
o Thermal and Short-Circuit Protection
ADSL Drivers/Receivers for Customer Premise
Equipment
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
5
10
9
8
7
6
GND
T1OUT
V+
T2OUT
T2IN-
SHDN
T1IN-
T1IN+
µMAX
GND
T2IN+
27 V+
IN+
1
8 OUT+
GND
µMAX/SO
TOP VIEW
V+
IN- 3
6
OUT-
GND 45
MAX4361
MAX4362
MAX4362
MAX4363
11
4V+
SHDN
12
3
T1OUT
T1IN-
13
2
GND
T1IN+
14
1
N.C.
N.C.
8
7
N.C.
N.C.
9
6
GND
T2IN+
10
5
T2OUT
T2IN-
SO
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
GND (TX)
T1OUT
V+ (TX)
T2OUT
T2IN-
SHDN
T1IN-
T1IN+
GND (TX)
N.C.
V+ (RX)
GND (RX)
R1IN-
R1IN+
GND
T2IN+
12
11
9
10
R1OUT
R2OUT
R2IN+
R2IN-
SO/TSSOP
Pin Configurations
Ordering Information
19-2299; Rev 0; 1/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX4361EUA
-40°C to +85°C
8 µMAX
MAX4361ESA
-40°C to +85°C
8 SO
MAX4362EUB
-40°C to +85°C
10 µMAX
MAX4362ESD
-40°C to +85°C
14 SO
MAX4363EUP
-40°C to +85°C
20 TSSOP
MAX4363ESP
-40°C to +85°C
20 SO
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.


Similar Part No. - MAX4361ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4361ESA MAXIM-MAX4361ESA Datasheet
252Kb / 13P
ADSL Drivers/Receivers for Customer Premise Equipment
Rev 0; 1/02
More results

Similar Description - MAX4361ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9480 MAXIM-MAX9480 Datasheet
465Kb / 18P
Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 1; 1/03
logo
List of Unclassifed Man...
C1603 ETC-C1603 Datasheet
39Kb / 1P
Acatel ADSL XFMR, UL1459 Alcatel Release 3.0 and 4.0, Customer Premise
logo
Maxim Integrated Produc...
MAX4361 MAXIM-MAX4361 Datasheet
252Kb / 13P
ADSL Drivers/Receivers for Customer Premise Equipment
Rev 0; 1/02
logo
SCHOTT CORPORATION
32824 SCHOTT-32824 Datasheet
18Kb / 1P
TRANSFORMER, ADSL CUSTOMER PREMISE
32828 SCHOTT-32828 Datasheet
20Kb / 1P
TRANSFORMER, ADSL CUSTOMER PREMISE
33817 SCHOTT-33817 Datasheet
19Kb / 1P
TRANSFORMER, ADSL CUSTOMER PREMISE
33818 SCHOTT-33818 Datasheet
26Kb / 1P
TRANSFORMER ADSL CUSTOMER PREMISE
35625 SCHOTT-35625 Datasheet
17Kb / 1P
TRANSFORMER, ADSL CUSTOMER PREMISE
36539 SCHOTT-36539 Datasheet
18Kb / 1P
TRANSFORMER, ADSL CUSTOMER PREMISE
37039 SCHOTT-37039 Datasheet
29Kb / 1P
TRANSFORMER, ADSL, CUSTOMER PREMISE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com