Electronic Components Datasheet Search
  English  ▼

X  

MAX77928 Datasheet(PDF) 32 Page - Analog Devices

Part # MAX77928
Description  10A 3:1/2:1/1:1 Switched-Capacitor Direct Charger for 1S Li-Ion Battery
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77928 Datasheet(HTML) 32 Page - Analog Devices

Back Button MAX77928 Datasheet HTML 28Page - Analog Devices MAX77928 Datasheet HTML 29Page - Analog Devices MAX77928 Datasheet HTML 30Page - Analog Devices MAX77928 Datasheet HTML 31Page - Analog Devices MAX77928 Datasheet HTML 32Page - Analog Devices MAX77928 Datasheet HTML 33Page - Analog Devices MAX77928 Datasheet HTML 34Page - Analog Devices MAX77928 Datasheet HTML 35Page - Analog Devices MAX77928 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
10A 3:1/2:1/1:1 Switched-Capacitor
Direct Charger for 1S Li-Ion Battery
MAX77928
www.analog.com
Analog Devices | 32
To enable the feature, IIN_REG_TRACK_EN needs to be set to 1. Also, input current sense relies on ADC; therefore,
ADC and the input current channel must be enabled.
The debounce time for each IIN_REG[6:0] tracking depends on the period of each ADC burst conversion and how many
conversions are counted (programmable by IIN_TRACK_CNT_NUM[3:0]), or it can be calculated as ((CONV_NUM[1:0]
x Number of channels enabled + 1 dummy) x 1ms + 0.4ms + INTERVAL[1:0]) x IIN_TRACK_CNT_NUM[3:0]. For
example, if CONV_NUM[1:0] = 8 samples, Number of channels enabled = 9, INTERVAL[1:0] = 10ms,
IIN_TRACK_CNT_NUM[3:0] = 1, Debounce time for IIN_REG_TRACK = ((8 samples x 9 channels + 1 dummy) x 1ms +
0.4ms + 10ms) x 1 = 83.4ms.
Each time IIN_REG[6:0] is lowered by the auto-tracking feature, an IIN_REG_TRACK_INT interrupt is generated.
Protection Features
Input and Output Overvoltage Lockout (VIN OVLO and VOUT OVLO)
The IC provides input overvoltage lockout (VIN OVLO) and output overvoltage lockout (VOUT OVLO) to protect the
internal power stage. When VVIN is higher than VVIN_OVLO, or VVOUT is higher than VVOUT_OVLO, the SCC stops
operation, and the state goes to the Error state. A VIN_OVP_INT or VOUT_OVP_INT interrupt is generated. The
VIN_OVP_S or VOUT_OVP_S status bit is set.
Threshold of VIN OVLO is programmable by VIN_OVP_TH[1:0] and it automatically adjusts for different conversion ratio
(3:1/2:1/1:1 mode). Threshold of VOUT OVLO is programmable by VOUT_OVP_TH bit. Debounce time is programmable
by VIN_OVP_DEG and VOUT_OVP_DEG, respectively.
VEXT1 and VEXT2 Overvoltage Lockout (VEXT1 OVLO and VEXT2 OVLO)
The IC also provides VEXT1 overvoltage lockout (VEXT1 OVLO) and VEXT2 overvoltage lockout (VEXT2 OVLO) to
protect the downstream device. When VVEXTx is higher than VVEXT_OVLO, VEXTx_DRV pulls low to turn off the switch.
A VEXTx_OVP_INT interrupt is generated. VEXTx_OVP_S status bit is set.
Threshold of VEXTx OVLO is programmable by VEXTx_OVP_TH[2:0]. Debounce time is programmable by
VEXTx_OVP_DEG[1:0].
Battery (BATP – BATN) Overvoltage Lockout (VBATT OVLO)
If the battery voltage is too high during charging, the IC provides a battery (BATP – BATN) overvoltage lockout (VBATT
OVLO). When VBATP – VBATN is higher than VBATT_OVP, the SCC stops operation and the state goes to the Error state.
A VBATT_OVP_INT interrupt is generated.
Threshold of VBATT OVLO is programmable by VBATT_OVP_TH[6:0]. Debounce time is programmable by
VBATT_OVP_DEG.
Overcurrent Protections (CHGR OCP and RVSBST OCP)
The IC provides overcurrent protections which trigger when VPMID/N – VVOUT > IOCP_FWD (programmable by
CHGR_OCP[3:0]) in the forward/charging direction or VVOUT – VPMID/N > IOCP_RVS (programmable by
RVSBST_OCP[3:0]) in the reverse/discharging direction, where N is the conversion ratio. Overcurrent protections help
detect hard short quickly and protect the power stage. The SCC stops operation and state goes to Error state. A
CHGR_OCP_INT interrupt or RVSBST_OCP_INT interrupt is generated. Debounce time of the overcurrent protections
can be programmed by CHGR_OCP_DEG[2:0] and RVSBST_OCP_DEG[2:0], respectively.
Reverse Current Protection (CHGR RCP)
In forward/charging operation, when the input voltage is set lower than N (ratio) x VVOUT, current can flow from battery
to input. The IC provides a reverse current protection feature to disable the SCC when VVOUT – VPMID/N > IRCP
(programmable by CHGR_RCP[2:0]). A CHGR_RCP_INT interrupt is generated. Debounce time can be programmed by
CHGR_RCP_DEG[2:0].
Input Current Overcurrent Protection (IIN OCP)
The IC senses the input current at INFET for IIN OCP and IIN UCP. For both forward and reverse directions, when the
input current is higher than IIN_OCP (programmable by IIN_OCP[5:0]), the SCC stops operation and state goes to Error
state. An IIN_OCP_INT interrupt is generated. Debounce time can be programmed by IIN_OCP_DEG[1:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com