Electronic Components Datasheet Search
  English  ▼

X  

MAX77928 Datasheet(PDF) 52 Page - Analog Devices

Part # MAX77928
Description  10A 3:1/2:1/1:1 Switched-Capacitor Direct Charger for 1S Li-Ion Battery
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77928 Datasheet(HTML) 52 Page - Analog Devices

Back Button MAX77928 Datasheet HTML 48Page - Analog Devices MAX77928 Datasheet HTML 49Page - Analog Devices MAX77928 Datasheet HTML 50Page - Analog Devices MAX77928 Datasheet HTML 51Page - Analog Devices MAX77928 Datasheet HTML 52Page - Analog Devices MAX77928 Datasheet HTML 53Page - Analog Devices MAX77928 Datasheet HTML 54Page - Analog Devices MAX77928 Datasheet HTML 55Page - Analog Devices MAX77928 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
10A 3:1/2:1/1:1 Switched-Capacitor
Direct Charger for 1S Li-Ion Battery
MAX77928
www.analog.com
Analog Devices | 52
BIT
7
6
5
4
3
2
1
0
Field
EXT_SW_RVS_TURN_ON_SPE
ED[1:0]
VEXT1_DRV_V
OLT
EXT1_DISCHG_C
TRL2
EXT1_DISCHG_C
TRL1
SPR
_2
EXT1_SW_CT
RL2
EXT1_SW_CT
RL1
Reset
0x2
0x0
0x0
0x0
0x0
0x0
0x1
Acce
ss
Type
Write, Read
Write, Read
Write, Read
Write, Read
Write
,
Read
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
EXT_SW_RVS_TURN_ON_SPEED
7:6
EXT Switch Turn-on Speed Control for
Reverse Mode.
Applies to both VEXT1_DRV and
VEXT2_DRV.
0x0: Very fast
0x1: Fast
0x2: Medium
0x3: Slow
VEXT1_DRV_VOLT
5
VEXT1_DRV Gate Drive Voltage Selection
0x0: Low VEXT1_DRV gate drive voltage for GaN
FET
0x1: High VEXT1_DRV gate drive voltage for
MOSFET(s)
EXT1_DISCHG_CTRL2
4
EXT1 Active Discharge Enable Reset
0x0: Do not reset EXT1_DISCHG_CTRL1.
0x1: Reset EXT1_DISCHG_CTRL1 to 0x0 when
VEXT1 falls below 0.3V.
EXT1_DISCHG_CTRL1
3
EXT1 Active Discharge Enable.
This bit is reset to 0x0 when VEXT1 falls
below 0.3V and EXT1_DISCHG_CTRL2 =
0x1.
0x0: Disable EXT1 active discharge
0x1: Enable EXT1 active discharge
SPR_2
2
EXT1_SW_CTRL2
1
EXT1 Switch Enable in Manual Mode.
This bit is valid only when EXT1_SW_CTRL1
= 0 (manual mode). This bit is reset to 0x0
when fault of VIN_UVLO (reverse modes) or
VEXT1_UVLO (all other states) occurs.
0x0: Disable EXT1 switch in Manual mode
0x1: Enable EXT1 switch in Manual mode
EXT1_SW_CTRL1
0
EXT1 Switch Auto Mode Enable
0x0: Manual mode
0x1: Auto mode
EXT2_SW_CTRL (0x11)
EXT2 Switch Control Register
BIT
7
6
5
4
3
2
1
0
Field
EXT_DRV_LPM
_EN
SPR
_6
VEXT2_DRV_V
OLT
EXT2_DISCHG_C
TRL2
EXT2_DISCHG_C
TRL1
EXT2_GATE_C
TRL
EXT2_SW_CT
RL2
EXT2_SW_CT
RL1
Reset
0x1
0x0
0x0
0x0
0x0
0x0
0x0
0x0
Acce
ss
Type
Write, Read
Write
,
Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com