Electronic Components Datasheet Search
  English  ▼

X  

MAX77928 Datasheet(PDF) 86 Page - Analog Devices

Part # MAX77928
Description  10A 3:1/2:1/1:1 Switched-Capacitor Direct Charger for 1S Li-Ion Battery
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77928 Datasheet(HTML) 86 Page - Analog Devices

Back Button MAX77928 Datasheet HTML 80Page - Analog Devices MAX77928 Datasheet HTML 81Page - Analog Devices MAX77928 Datasheet HTML 82Page - Analog Devices MAX77928 Datasheet HTML 83Page - Analog Devices MAX77928 Datasheet HTML 84Page - Analog Devices MAX77928 Datasheet HTML 85Page - Analog Devices MAX77928 Datasheet HTML 86Page - Analog Devices MAX77928 Datasheet HTML 87Page - Analog Devices MAX77928 Datasheet HTML 88Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
10A 3:1/2:1/1:1 Switched-Capacitor
Direct Charger for 1S Li-Ion Battery
MAX77928
www.analog.com
Analog Devices | 86
0201
0603
0402
0201
BSTA
C1PA
C1PA
C1NA
C2PA
C2NA
C1PB
C1NB
C2PB
C2NB
AGND
AGND
VIO
AVDD
VOUT
PGND
PMID
PMID
PGND
PGND
C1PB BSTB
PMID
0201
PVDD PGND
0402
0402
VEXT2
VEXT1
3rd LAYER
0201
0603
0402
0201
BSTA
C1PA
C1PA
C1NA
C2PA
C2NA
C1PB
C1NB
C2PB
C2NB
AGND
AGND
VIO
AVDD
VOUT
PGND
PMID
PMID
PGND
PGND
C1PB BSTB
0201
PVDD PGND
0402
0402
VEXT2
VEXT1
4th LAYER
0201
0603
0402
0201
BSTA
C1PA
C1PA
C1NA
C2PA
C2NA
C1PB
C1NB
C2PB
C2NB
SDA
AGND
AGND
VIO
AVDD
VOUT
PGND
PMID
PMID
PGND
PGND
C1PB BSTB
0201
PVDD PGND
0402
0402
VEXT2
VEXT1
5th LAYER
SCL
0201
0603
0402
0201
BSTA
C1PA
C1PA
C1NA
C2PA
C2NA
C1PB
C1NB
C2PB
C2NB
AGND
AGND
VIO
AVDD
VOUT
PGND
PMID
PMID
PGND
PGND
C1PB BSTB
0201
PVDD PGND
0402
0402
VEXT2
VEXT1
BOTTOM LAYER
VIN
Figure 20. PCB Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com