Electronic Components Datasheet Search
  English  ▼

X  

MAX77928 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX77928
Description  10A 3:1/2:1/1:1 Switched-Capacitor Direct Charger for 1S Li-Ion Battery
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77928 Datasheet(HTML) 3 Page - Analog Devices

  MAX77928 Datasheet HTML 1Page - Analog Devices MAX77928 Datasheet HTML 2Page - Analog Devices MAX77928 Datasheet HTML 3Page - Analog Devices MAX77928 Datasheet HTML 4Page - Analog Devices MAX77928 Datasheet HTML 5Page - Analog Devices MAX77928 Datasheet HTML 6Page - Analog Devices MAX77928 Datasheet HTML 7Page - Analog Devices MAX77928 Datasheet HTML 8Page - Analog Devices MAX77928 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
10A 3:1/2:1/1:1 Switched-Capacitor
Direct Charger for 1S Li-Ion Battery
MAX77928
www.analog.com
Analog Devices | 3
Absolute Maximum Ratings
VEXT1 to AGND..............................................-0.3V to +38.0V
VEXT2 to AGND..............................................-0.3V to +24.0V
VEXT1_DRV, VEXT2_DRV to AGND..............-0.3V to +30.0V
VEXT1_DRV to VEXT1 ...................................-38.0V to +6.0V
VEXT2_DRV to VEXT2 ...................................-24.0V to +6.0V
VB_IN to AGND...............................................-0.3V to +24.0V
VB_OUT to AGND...........................................-0.3V to +24.0V
VIN to PGND ...................................................-0.3V to +24.0V
VIN to PMID ..................................................-17.6V to +17.6V
PMID to C1Px....................................................-0.3V to +6.0V
PMID to PGND ................................................-0.3V to +17.6V
BSTx to PGND ................................................-0.3V to +23.6V
BSTx to C1Px....................................................-0.3V to +6.0V
C1Px to C2Px..................................................-0.3V to +17.6V
C1Px to PGND ................................................-0.3V to +17.6V
C2Px to VOUT...................................................-0.3V to +6.0V
C2Px to PGND ................................................-0.3V to +12.0V
VOUT to C1Nx, C2Nx ....................................... -0.3V to +6.0V
C1Nx, C2Nx to PGND....................................... -0.3V to +6.0V
VOUT to PGND................................................. -0.3V to +6.0V
PVDD to PGND................................................. -0.3V to +6.0V
AVDD to AGND................................................. -0.3V to +2.2V
BATP to AGND ..........................VOUT - 0.6V to VOUT + 0.3V
BATN to AGND ................................................. -0.6V to +0.6V
BATP to BATN .................................................. -0.3V to +6.0V
NTC to AGND ................................................... -0.3V to +6.0V
ENB, VB_EN, SYNC, INTB, VIO to AGND........ -0.3V to +2.2V
SCL, SDA to AGND .......................................... -0.3V to +2.2V
AGND, DGND to PGND.................................... -0.3V to +0.3V
Continuous Power Dissipation (Multilayer Board) (TA = +70°C,
derate 28.46mW/°C above +70°C.)....................... 2276.69mW
Operating Temperature Range ........................ -40°C to +85°C
Storage Temperature Range ......................... -65°C to +150°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Information
Package Code
W883A4+1
Outline Number
21-100731
Land Pattern Number
Refer to
Application Note 1891
Thermal Resistance, Single Layer Board:
Junction-to-Ambient (θJA)
—
Junction-to-Case Thermal Resistance (θJC)
—
Thermal Resistance, Four Layer Board:
Junction-to-Ambient (θJA)
35.14°C/W
Junction-to-Case Thermal Resistance (θJC)
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com