Electronic Components Datasheet Search
  English  ▼

X  

MAX77928 Datasheet(PDF) 21 Page - Analog Devices

Part # MAX77928
Description  10A 3:1/2:1/1:1 Switched-Capacitor Direct Charger for 1S Li-Ion Battery
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77928 Datasheet(HTML) 21 Page - Analog Devices

Back Button MAX77928 Datasheet HTML 17Page - Analog Devices MAX77928 Datasheet HTML 18Page - Analog Devices MAX77928 Datasheet HTML 19Page - Analog Devices MAX77928 Datasheet HTML 20Page - Analog Devices MAX77928 Datasheet HTML 21Page - Analog Devices MAX77928 Datasheet HTML 22Page - Analog Devices MAX77928 Datasheet HTML 23Page - Analog Devices MAX77928 Datasheet HTML 24Page - Analog Devices MAX77928 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
10A 3:1/2:1/1:1 Switched-Capacitor
Direct Charger for 1S Li-Ion Battery
MAX77928
www.analog.com
Analog Devices | 21
doing it this way, the SCC saves power in light loads, provides high efficiency at the entire load range, and maintains
VPMID close to VVOUT x N.
Audio Mode
When the SCC operates in skip mode, the skip frequency can be observed at audio frequency of which frequency ranges
from 20Hz to 20kHz. It may create audible noise in multilayer chip capacitor on the PCB. The IC provides audio mode
which keeps the minimum skip frequency at fSW_AUD (25kHz typical for all switching frequency options).
Frequency Dithering
EMI emissions with a dominant peak frequency can be produced from SCC operation. Frequency dithering can reduce
the peak emission of the SCC by spreading the emission over a frequency band. The IC includes a frequency dithering
feature applicable to all synthesized frequencies (from 200kHz up to 1.5MHz). Dithering can be disabled or enabled by
DTHR and programmed to different spreads by DTHR_DEPTH (3%, 6%).
SCC State Diagram
Figure 2 shows the operation states of SCC and conditions to trigger state transitions. All registers are reset to their
default value for each state transition from the Standby state to the Shutdown state. ENB input and
STANDBY_MODE_SET bit control the state transition between the Shutdown state and the Standby state.
OPERATION_MODE[2:0] controls the state transition between the Standby state and the Active state.
SHUTDOWN
NO POWER
NO VALID SOURCE
VALID SOURCE
STANDBY
ENB = 1
OR STANDBY_MODE_SET = 0
OR WATCHDOG EXPIRE
ENB = 0
AND STANDBY_MODE_SET = 1
ERROR
ANY SYSTEM ERROR
ACTIVE
OPERATION_MODE = 0
OPERATION_MODE != 0
SYSTEM ERROR CLEAR
DEEP SHUTDOWN
VIO = 0
AND NO VALID INPUT
VIO = 1
OR VALID INPUT
Figure 2. SCC State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com