Electronic Components Datasheet Search
  English  ▼

X  

MAX77928 Datasheet(PDF) 72 Page - Analog Devices

Part # MAX77928
Description  10A 3:1/2:1/1:1 Switched-Capacitor Direct Charger for 1S Li-Ion Battery
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77928 Datasheet(HTML) 72 Page - Analog Devices

Back Button MAX77928 Datasheet HTML 68Page - Analog Devices MAX77928 Datasheet HTML 69Page - Analog Devices MAX77928 Datasheet HTML 70Page - Analog Devices MAX77928 Datasheet HTML 71Page - Analog Devices MAX77928 Datasheet HTML 72Page - Analog Devices MAX77928 Datasheet HTML 73Page - Analog Devices MAX77928 Datasheet HTML 74Page - Analog Devices MAX77928 Datasheet HTML 75Page - Analog Devices MAX77928 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
10A 3:1/2:1/1:1 Switched-Capacitor
Direct Charger for 1S Li-Ion Battery
MAX77928
www.analog.com
Analog Devices | 72
WT_CFG (0x29)
Watchdog Timer Configuration Register
BIT
7
6
5
4
3
2
1
0
Field
WDTCLR[1:0]
SPARE_5_3[2:0]
WD_TIMER[1:0]
WD_TIMER_EN
Reset
0x0
0x0
0x0
0x0
Access Type
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
WDTCLR
7:6
Watchdog Timer Clear and Restart
0x0: Not Clear
0x1: Clear and restart watchdog timer
0x2: Reserved. Do not use.
0x3: Reserved. Do not use.
SPARE_5_3
5:3
WD_TIMER
2:1
Watchdog Timer (s)
0x0: 4
0x1: 8
0x2: 16
0x3: 32
WD_TIMER_EN
0
Watchdog Timer Enable
0x0: Disable watchdog timer
0x1: Enable watchdog timer
ADC_EN (0x30)
ADC Enable Register
BIT
7
6
5
4
3
2
1
0
Field
SPARE_7_2[5:0]
ADC_EN_BATTONLY
ADC_EN
Reset
0x00
0x0
0x1
Access Type
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
SPARE_7_2
7:2
ADC_EN_BATTONLY
1
ADC Enable with Battery Only
0x0: Disable ADC
0x1: Enable ADC regardless of VIN voltage
ADC_EN
0
ADC Enable
0x0: Disable ADC
0x1: Enable ADC only when VIN > VIN_UVLO
ADC_CFG1 (0x31)
ADC Configuration Register 1
BIT
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com