Electronic Components Datasheet Search
  English  ▼

X  

ADL5382 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5382
Description  700 MHz to 2.7 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5382 Datasheet(HTML) 4 Page - Analog Devices

  ADL5382 Datasheet HTML 1Page - Analog Devices ADL5382 Datasheet HTML 2Page - Analog Devices ADL5382 Datasheet HTML 3Page - Analog Devices ADL5382 Datasheet HTML 4Page - Analog Devices ADL5382 Datasheet HTML 5Page - Analog Devices ADL5382 Datasheet HTML 6Page - Analog Devices ADL5382 Datasheet HTML 7Page - Analog Devices ADL5382 Datasheet HTML 8Page - Analog Devices ADL5382 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADL5382
Rev. 0 | Page 4 of 28
Parameter
Condition
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE at RF = 2700 MHz
RFIP, RFIN
Conversion Gain
3.3
dB
Input P1dB
14.5
dBm
Second-Order Input Intercept (IIP2)
−5 dBm each input tone
52
dBm
Third-Order Input Intercept (IIP3)
−5 dBm each input tone
28.3
dBm
LO to RF
RFIN, RFIP terminated in 50 Ω, 1xLO appearing at RF port
−70
dBm
RF to LO
LOIN, LOIP terminated in 50 Ω
−55
dBc
IQ Magnitude Imbalance
0.16
dB
IQ Phase Imbalance
0.1
Degrees
LO to IQ
RFIN, RFIP terminated in 50 Ω, 1xLO appearing at BB port
−42
dBm
Noise Figure
17.6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com