Electronic Components Datasheet Search
  English  ▼

X  

ADL5382 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5382
Description  700 MHz to 2.7 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5382 Datasheet(HTML) 2 Page - Analog Devices

  ADL5382 Datasheet HTML 1Page - Analog Devices ADL5382 Datasheet HTML 2Page - Analog Devices ADL5382 Datasheet HTML 3Page - Analog Devices ADL5382 Datasheet HTML 4Page - Analog Devices ADL5382 Datasheet HTML 5Page - Analog Devices ADL5382 Datasheet HTML 6Page - Analog Devices ADL5382 Datasheet HTML 7Page - Analog Devices ADL5382 Datasheet HTML 8Page - Analog Devices ADL5382 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ADL5382
Rev. 0 | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
Distributions for fRF = 900 MHz ............................................... 10
Distributions for fRF = 1900 MHz ............................................. 11
Distributions for fRF = 2700 MHz ............................................. 12
Circuit Description......................................................................... 13
LO Interface................................................................................. 13
V-to-I Converter......................................................................... 13
Mixers .......................................................................................... 13
Emitter Follower Buffers ........................................................... 13
Bias Circuit.................................................................................. 13
Applications Information .............................................................. 14
Basic Connections...................................................................... 14
Power Supply............................................................................... 14
Local Oscillator (LO) Input ...................................................... 14
RF Input....................................................................................... 15
Baseband Outputs ...................................................................... 15
Error Vector Magnitude (EVM) Performance........................... 16
Low IF Image Rejection............................................................. 17
Example Baseband Interface..................................................... 17
Characterization Setups................................................................. 21
Evaluation Board ............................................................................ 23
Outline Dimensions ....................................................................... 27
Ordering Guide .......................................................................... 27
REVISION HISTORY
3/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com