Electronic Components Datasheet Search
  English  ▼

X  

ADL5382 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5382
Description  700 MHz to 2.7 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5382 Datasheet(HTML) 1 Page - Analog Devices

  ADL5382 Datasheet HTML 1Page - Analog Devices ADL5382 Datasheet HTML 2Page - Analog Devices ADL5382 Datasheet HTML 3Page - Analog Devices ADL5382 Datasheet HTML 4Page - Analog Devices ADL5382 Datasheet HTML 5Page - Analog Devices ADL5382 Datasheet HTML 6Page - Analog Devices ADL5382 Datasheet HTML 7Page - Analog Devices ADL5382 Datasheet HTML 8Page - Analog Devices ADL5382 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
700 MHz to 2.7 GHz
Quadrature Demodulator
ADL5382
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Operating RF and LO frequency: 700 MHz to 2.7 GHz
Input IP3
33.5 dBm @ 900 MHz
30.5 dBm @1900 MHz
Input IP2: >70 dBm @ 900 MHz
Input P1dB: 14.7 dBm @ 900 MHz
Noise figure (NF)
14.0 dB @ 900 MHz
15.6 dB @ 1900 MHz
Voltage conversion gain: ~4 dB
Quadrature demodulation accuracy
Phase accuracy: ~0.2°
Amplitude balance: ~0.05 dB
Demodulation bandwidth: ~370 MHz
Baseband I/Q drive: 2 V p-p into 200 Ω
Single 5 V supply
APPLICATIONS
Cellular W-CDMA/CDMA/CDMA2000/GSM
Microwave point-to-(multi)point radios
Broadband wireless and WiMAX
FUNCTIONAL BLOCK DIAGRAM
BIAS
GEN
ADL5382
0°
90°
1
24
CMRF CMRF RFIP RFIN CMRF VPX
CML
VPA
COM
BIAS
VPL
VPL
VPL
VPB
VPB
QHI
QLO
IHI
ILO
LOIP LOIN CML
CML COM
23
22
21
20
19
7
8
9
10
11
12
2
3
4
5
6
18
17
16
15
14
13
Figure 1.
GENERAL DESCRIPTION
The ADL5382 is a broadband quadrature I-Q demodulator that
covers an RF input frequency range from 700 MHz to 2.7 GHz.
With a NF = 14 dB, IP1dB = 14.7 dBm, and IIP3 = 33.5 dBm at
900 MHz, the ADL5382 demodulator offers outstanding dynamic
range suitable for the demanding infrastructure direct-conversion
requirements. The differential RF inputs provide a well-behaved
broadband input impedance of 50 Ω and are best driven from a
1:1 balun for optimum performance.
Excellent demodulation accuracy is achieved with amplitude and
phase balances ~0.05 dB and ~0.2°, respectively. The demodulated
in-phase (I) and quadrature (Q) differential outputs are fully
buffered and provide a voltage conversion gain of ~4 dB. The
buffered baseband outputs are capable of driving a 2 V p-p
differential signal into 200 Ω.
The fully balanced design minimizes effects from second-order
distortion. The leakage from the LO port to the RF port is
<−65 dBc. Differential dc offsets at the I and Q outputs are typically
<10 mV. Both of these factors contribute to the excellent IIP2
specifications which is >60 dBm.
The ADL5382 operates off a single 4.75 V to 5.25 V supply. The
supply current is adjustable with an external resistor from the
BIAS pin to ground.
The ADL5382 is fabricated using the Analog Devices, Inc.,
advanced Silicon-Germanium bipolar process and is available
in a 24-lead exposed paddle LFCSP.


Similar Part No. - ADL5382

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5380 AD-ADL5380 Datasheet
429Kb / 5P
Wideband LO PLL Synthesizer with Simple Interface to Quadrature Demodulators
REV. 0
ADL5380-29A-EVALZ AD-ADL5380-29A-EVALZ Datasheet
840Kb / 36P
400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5380-30A-EVALZ AD-ADL5380-30A-EVALZ Datasheet
840Kb / 36P
400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5380ACPZ-R7 AD-ADL5380ACPZ-R7 Datasheet
840Kb / 36P
400 MHz to 6 GHz Quadrature Demodulator
REV. 0
More results

Similar Description - ADL5382

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8347 AD-AD8347 Datasheet
750Kb / 20P
0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV.0
logo
SIRENZA MICRODEVICES
SRQ-2116Z SIRENZA-SRQ-2116Z Datasheet
196Kb / 16P
700-3800 MHz Direct Quadrature Demodulator
logo
Analog Devices
ADL5387 AD-ADL5387 Datasheet
761Kb / 28P
50 MHz to 2 GHz Quadrature Demodulator
REV. 0
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADRF6807 AD-ADRF6807 Datasheet
1,004Kb / 36P
700 MHz to 1050 MHz Quadrature
REV. B
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
REV. B
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADL5387 AD-ADL5387_V01 Datasheet
865Kb / 27P
30 MHz to 2 GHz Quadrature Demodulator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com