Electronic Components Datasheet Search
  English  ▼

X  

ADL5382 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5382
Description  700 MHz to 2.7 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5382 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5382 Datasheet HTML 7Page - Analog Devices ADL5382 Datasheet HTML 8Page - Analog Devices ADL5382 Datasheet HTML 9Page - Analog Devices ADL5382 Datasheet HTML 10Page - Analog Devices ADL5382 Datasheet HTML 11Page - Analog Devices ADL5382 Datasheet HTML 12Page - Analog Devices ADL5382 Datasheet HTML 13Page - Analog Devices ADL5382 Datasheet HTML 14Page - Analog Devices ADL5382 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADL5382
Rev. 0 | Page 11 of 28
DISTRIBUTIONS FOR fRF = 1900 MHz
28
29
30
31
32
33
0
20
40
60
80
100
INPUT IP3 (dBm)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 27. IIP3 Distributions, fRF = 1900 MHz
12
13
14
15
16
17
0
20
40
60
80
100
INPUT P1dB (dBm)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 28. IP1dB Distributions, fRF = 1900 MHz
–0.2
–0.1
0
0.1
0.2
0
20
40
60
80
100
GAIN MISMATCH (dB)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 29. IQ Gain Mismatch Distributions, fRF = 1900 MHz
45
50
55
60
65
70
75
80
85
0
20
40
60
80
100
INPUT IP2 (dBm)
TA = –40°C
TA = +25°C
TA = +85°C
I CHANNEL
Q CHANNEL
Figure 30. IIP2 Distributions for I Channel and Q Channel, fRF = 1900 MHz
14.0
14.5
15.0
15.5
16.0
16.5
17.0
0
20
40
60
80
100
NOISE FIGURE (dB)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 31. Noise Figure Distributions, fRF = 1900 MHz
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
0
20
40
60
80
100
QUADRATURE PHASE ERROR (Degrees)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 32. IQ Quadrature Phase Error Distributions, fRF = 1900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com