Electronic Components Datasheet Search
  English  ▼

X  

ADL5382 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5382
Description  700 MHz to 2.7 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5382 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5382 Datasheet HTML 12Page - Analog Devices ADL5382 Datasheet HTML 13Page - Analog Devices ADL5382 Datasheet HTML 14Page - Analog Devices ADL5382 Datasheet HTML 15Page - Analog Devices ADL5382 Datasheet HTML 16Page - Analog Devices ADL5382 Datasheet HTML 17Page - Analog Devices ADL5382 Datasheet HTML 18Page - Analog Devices ADL5382 Datasheet HTML 19Page - Analog Devices ADL5382 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADL5382
Rev. 0 | Page 16 of 28
ERROR VECTOR MAGNITUDE (EVM) PERFORMANCE
EVM is a measure used to quantify the performance of a digital
radio transmitter or receiver. A signal received by a receiver
would have all constellation points at the ideal locations; however,
various imperfections in the implementation (such as magnitude
imbalance, noise floor, and phase imbalance) cause the actual
constellation points to deviate from the ideal locations.
The ADL5382 shows excellent EVM performance for various
modulation schemes. Figure 45 shows the EVM performance of
the ADL5382 with a 16 QAM, 200 kHz low IF.
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–65
–85
–75
–55
–45
–35
–25
–15
–5
RF INPUT POWER (dBm)
Figure 45. EVM, RF = 900 MHz, IF = 200 kHz vs.
RF Input Power for a 16 QAM 160 ksym/s Signal
Figure 46 shows the zero-IF EVM performance of a 10 MHz
IEEE 802.16e WiMAX signal through the ADL5382. The
differential dc offsets on the ADL5382 are in the order of a few
millivolts. However, ac coupling the baseband outputs with
10 μF capacitors eliminates dc offsets and enhances EVM
performance. With a 10 MHz BW signal, 10 μF ac coupling
capacitors with the 500 Ω differential load results in a high-pass
corner frequency of ~64 Hz, which absorbs an insignificant
amount of modulated signal energy from the baseband signal.
By using ac-coupling capacitors at the baseband outputs, the dc
offset effects, which can limit dynamic range at low input power
levels, can be eliminated.
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–65 –60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
10
RF INPUT POWER (dBm)
Figure 46. EVM, RF = 2.6 GHz, IF = 0 Hz vs. RF Input Power for a 16 QAM
10 MHz Bandwidth Mobile WiMAX Signal (AC-Coupled Baseband Outputs)
Figure 47 exhibits multiple W-CDMA low-IF EVM
performance curves over a wide RF input power range into the
ADL5382. In the case of zero-IF, the noise contribution by the
vector signal analyzer becomes predominant at lower power
levels, making it difficult to measure SNR accurately.
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–75 –70 –65 –60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0Hz
7.5MHz
5MHz
RF INPUT POWER (dBm)
2.5MHz
Figure 47. EVM, RF = 1900 MHz, IF = 0 Hz, 2.5 MHz, 5 MHz, and 7.5 MHz vs. RF
Input Power for a W-CDMA Signal (AC-Coupled Baseband Outputs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com