Electronic Components Datasheet Search
  English  ▼

X  

ADL5382 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5382
Description  700 MHz to 2.7 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5382 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5382 Datasheet HTML 10Page - Analog Devices ADL5382 Datasheet HTML 11Page - Analog Devices ADL5382 Datasheet HTML 12Page - Analog Devices ADL5382 Datasheet HTML 13Page - Analog Devices ADL5382 Datasheet HTML 14Page - Analog Devices ADL5382 Datasheet HTML 15Page - Analog Devices ADL5382 Datasheet HTML 16Page - Analog Devices ADL5382 Datasheet HTML 17Page - Analog Devices ADL5382 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADL5382
Rev. 0 | Page 14 of 28
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 41 shows the basic connections schematic for the ADL5382.
POWER SUPPLY
The nominal voltage supply for the ADL5382 is 5 V and is
applied to the VPA, VPB, VPL, and VPX pins. Ground should
be connected to the COM, CML, and CMRF pins. The exposed
paddle on the underside of the package should also be soldered
to a low thermal and electrical impedance ground plane. If the
ground plane spans multiple layers on the circuit board, these
layers should be stitched together with nine vias under the
exposed paddle. The Application Note AN-772 discusses the
thermal and electrical grounding of the LFCSP in detail. Each
of the supply pins should be decoupled using two capacitors;
recommended capacitor values are 100 pF and 0.1 μF.
LOCAL OSCILLATOR (LO) INPUT
For optimum performance, the LO port should be driven
differentially through a balun. The recommended balun is
the M/A-COM ETC1-1-13. The LO inputs to the device should
be ac-coupled with 1000 pF capacitors. The LO port is designed
for a broadband 50 Ω match from 700 MHz to 2.7 GHz. The
LO return loss can be seen in Figure 20. Figure 40 shows the LO
input configuration.
LO INPUT
ETC1-1-13
LOIP
LOIN
1000pF
8
1000pF
9
Figure 40. Differential LO Drive
The recommended LO drive level is between −6 dBm and +6 dBm.
The applied LO frequency range is between 700 MHz and 2.7 GHz.
33nH
33nH
100pF
100pF
0.1µF
100pF
1000pF
0.1µF
0.1µF
VPOS
VPOS
LO
VPOS
1
ADL5382
24
23
22
21
20
19
78
9
10
11
12
2
3
4
5
6
VPA
COM
BIAS
VPL
VPL
VPL
18
17
16
15
14
13
VPB
QHI
QLO
IHI
ILO
VPB
QHI
QLO
IHI
ILO
1000pF
RFC
ETC1-1-13
1000pF
1000pF
ETC1-1-13
Figure 41. Basic Connections Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com