Electronic Components Datasheet Search
  English  ▼

X  

AD9879-EB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9879-EB
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879-EB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9879-EB Datasheet HTML 13Page - Analog Devices AD9879-EB Datasheet HTML 14Page - Analog Devices AD9879-EB Datasheet HTML 15Page - Analog Devices AD9879-EB Datasheet HTML 16Page - Analog Devices AD9879-EB Datasheet HTML 17Page - Analog Devices AD9879-EB Datasheet HTML 18Page - Analog Devices AD9879-EB Datasheet HTML 19Page - Analog Devices AD9879-EB Datasheet HTML 20Page - Analog Devices AD9879-EB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD9879
Rev. A | Page 17 of 32
REGISTER 0x00—INITIALIZATION
Bits 0–4: OSCIN Multiplier
This register field is used to program the on-chip multiplier
(PLL) that generates the chip’s high frequency system clock
fSYSCLK. The value of M depends on the ADC clocking mode
selected, as shown in Table 5.
Table 5.
ADC Clock Select
M
1, fOSCIN
8
0, fMCLK (PLL Derived)
16
When using the AD9879 in systems where the Tx path and Rx
path do not operate simultaneously, the value of M can be
programmed from 1 to 31. The maximum fSYSCLK rate of
236 MHz must be observed, whatever value is chosen for M.
When M is set to 1, the internal PLL is disabled and all internal
clocks are derived directly from OSCIN.
Bit 5: RESET
Writing a 1 to this bit resets the registers to their default values
and restarts the chip. The RESET bit always reads back 0. The
bits in Register 0x00 are not affected by this software reset. A
low level at the RESET pin, however, would force all registers,
including all bits in Register 0x00, to their default state.
Bit 6: SPI Bytes LSB First
Active high indicates SPI serial port access of instruction byte
and data registers are least significant bit (LSB) first. Default low
indicates most significant bit (MSB) first format.
Bit 7: SDIO Bidirectional
Active high configures the serial port as a three-signal port with
the SDIO pin used as a bidirectional input/output pin. Default
low indicates the serial port uses four signals with SDIO
configured as an input and SDO configured as an output.
REGISTER 0x01—CLOCK CONFIGURATION
Bits 0–5: MCLK/REFCLK Ratio
This bit field defines R, the ratio between the auxiliary clock
output, REFCLK and MCLK. R can be any integer number
between 2 and 63. At default zero (R = 0), REFCLK provides a
buffered version of the OSCIN clock signal.
Bit 7: PLL Lock Detect
When this bit is set low, the REFCLK pin functions in its default
mode and provides an output clock with frequency fMCLK/R, as
described above.
If this bit is set to 1, the REFCLK pin is configured to indicate
whether the PLL is locked to fOSCIN. In this mode, the REFCLK
pin should be low-pass filtered with an RC filter of 1.0 kΩ and
0.1 µF. A low output on REFCLK indicates the PLL has achieved
lock with fOSCIN.
REGISTER 0x02—POWER-DOWN
Sections of the chip that are not used can be powered down
when the corresponding bits are set high. This register has a
default value of 0x00, with all sections active.
Bit 0: Power-Down IQ ADC
Active high powers down the IQ ADC.
Bit 1: Power-Down IQ and IF10 ADC Reference
Active high powers down the IQ and IF10 ADC reference.
Bit 2: Power-Down IF10 ADC
Active high powers down the IF10 ADC.
Bit 3: Power-Down IF12 ADC Reference
Active high powers down the 12-bit ADC reference.
Bit 4: Power-Down IF12 ADC
Active high powers down the IF12 ADC.
Bit 5: Power-Down Digital TX
Active high powers down the digital transmit section of the
chip, similar to the function of the PWRDN pin.
Bit 6: Power-Down DAC TX
Active high powers down the DAC.
Bit 7: Power-Down PLL
Active high powers down the OSCIN multiplier.
REGISTERS 0x03–0x04—Σ-∆ AND FLAG CONTROL
The Σ-Δ control word is 12 bits wide and split into MSB bits
[11:4] and LSB bits [3:0]. Changes to the Σ-Δ control words take
effect immediately for every MSB or LSB register write. Σ-Δ
output control words have a default value of 0. The control
words are in straight binary format with 0x000 corresponding
to the bottom of the scale and 0xFFF corresponding to the top
of the scale. See Figure 8 for details.
If the flag enable (Register 0x03, Bit 0) is set high, the
Σ-Δ_OUT pin maintains a fixed logic level determined
directly by the MSB of the Σ-Δ control word.
The FLAG1 pin assumes the logic level programmed into the
FLAG1 bit (Register 0x03, Bit 1).
REGISTER 0x07—VIDEO INPUT CONFIGURATION
Bits 0–6: Clamp Level Control Value
The 7-bit clamp level control value is used to set an offset to the
automatic clamp level control loop. The actual ADC output has
a clamp level offset equal to 16 times the clamp level control
value as shown:
Clamp Level Offset = Clamp Level Control Value × 16
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com