Electronic Components Datasheet Search
  English  ▼

X  

AD9879-EB Datasheet(PDF) 30 Page - Analog Devices

Part # AD9879-EB
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879-EB Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9879-EB Datasheet HTML 24Page - Analog Devices AD9879-EB Datasheet HTML 25Page - Analog Devices AD9879-EB Datasheet HTML 26Page - Analog Devices AD9879-EB Datasheet HTML 27Page - Analog Devices AD9879-EB Datasheet HTML 28Page - Analog Devices AD9879-EB Datasheet HTML 29Page - Analog Devices AD9879-EB Datasheet HTML 30Page - Analog Devices AD9879-EB Datasheet HTML 31Page - Analog Devices AD9879-EB Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD9879
Rev. A | Page 30 of 32
OUTLINE DIMENSIONS
81
100
1
50
31
30
51
TOP VIEW
(PINS DOWN)
PIN 1
80
12.35
REF
23.20 BSC
3.40
MAX
20.00 BSC
18.85 REF
14.00
BSC
17.20
BSC
0.40
0.22
0.65 BSC
LEAD PITCH
2.90
2.70
2.50
0.50
0.25
7°
0°
0.10
COPLANARITY
VIEW A
ROTATED 90° CCW
0.23
0.11
VIEW A
SEATING
PLANE
1.03
0.88
0.73
LEAD WIDTH
COMPLIANT TO JEDEC STANDARDS MS-022-GC-1
Figure 24. 100-Lead Metric Quad Flat Package [MQFP]
(S-100-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9879BS
−40°C to +85°C
100-Lead MQFP
S-100-3
AD9879BSZ1
−40°C to +85°C
100-Lead MQFP
S-100-3
AD9879-EB
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com