Electronic Components Datasheet Search
  English  ▼

X  

MAX9924 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX9924
Description  Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9924 Datasheet(HTML) 4 Page - Analog Devices

  MAX9924 Datasheet HTML 1Page - Analog Devices MAX9924 Datasheet HTML 2Page - Analog Devices MAX9924 Datasheet HTML 3Page - Analog Devices MAX9924 Datasheet HTML 4Page - Analog Devices MAX9924 Datasheet HTML 5Page - Analog Devices MAX9924 Datasheet HTML 6Page - Analog Devices MAX9924 Datasheet HTML 7Page - Analog Devices MAX9924 Datasheet HTML 8Page - Analog Devices MAX9924 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
(VCC = 5V, VGND = 0V, MAX9925/MAX9927 gain setting = 1V/V, Mode A1, VBIAS = 2.5V, VPULLUP = 5V, RPULLUP = 1kΩ, CCOUT =
50pF. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Note 2: Specifications are 100% tested at TA = +125°C, unless otherwise noted. All temperature limits are guaranteed by design.
Note 3: Inferred from functional PSRR.
Note 4: CMOS inputs.
Note 5: Guaranteed by design.
Note 6: Includes effect of VOS of internal op amp and comparator.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EXT
EXT Voltage Range
VEXT
Mode B, TA = +125°C
1.5
VCC
- 1.1
V
Mode C, TA = +125°C
0.14
VCC
- 1.1
Input Current to EXT
IEXT
Mode B, VEXT > VBIAS; and Mode C
10
µA
DIRN (MAX9926 Only)
Output Low Voltage
0.2
V
INT_THRS, ZERO_EN
Low Input
VIL
0.3 x
VCC
V
High Input
VIH
0.7 x
VCC
V
Input Leakage
ILEAK
1
µA
Input Current ZERO_EN
ISINK
Pullup resistor = 10kΩ,
VZERO_EN = VGND
500
800
µA
Switching Time Between Modes
A1, A2, and Modes B, C
tSW
With INT_THRS = GND, auto peak-
detect is disabled, and EXT_THRS is
active
3
µs
BIAS
Input Current to BIAS
IBIAS
Modes A1, A2, B, C
1
µA
BIAS Voltage Range
VBIAS
Modes A1, B, TA = +125°C
1.5
VCC
- 1.1
V
Mode C, TA = +125°C
0.2
VCC
- 1.1
Internal BIAS Reference Voltage
VINT_BIAS
Mode A2 (MAX9924/MAX9926)
2.46
V
www.maximintegrated.com
Maxim Integrated │ 4
MAX9924–MAX9927
Variable Reluctance Sensor Interfaces with
Differential Input and Adaptive Peak Threshold
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com