Electronic Components Datasheet Search
  English  ▼

X  

MAX9924 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX9924
Description  Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9924 Datasheet(HTML) 2 Page - Analog Devices

  MAX9924 Datasheet HTML 1Page - Analog Devices MAX9924 Datasheet HTML 2Page - Analog Devices MAX9924 Datasheet HTML 3Page - Analog Devices MAX9924 Datasheet HTML 4Page - Analog Devices MAX9924 Datasheet HTML 5Page - Analog Devices MAX9924 Datasheet HTML 6Page - Analog Devices MAX9924 Datasheet HTML 7Page - Analog Devices MAX9924 Datasheet HTML 8Page - Analog Devices MAX9924 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
VCC to GND ...........................................................-0.3V to + 6V
All Other Pins ........................................... -0.3V to (VCC + 0.3V)
Current into IN+, IN-, IN_+, IN_- ......................................±40mA
Current into All Other Pins................................................±20mA
Output Short-Circuit (OUT_, OUT) to GND........................... 10s
Continuous Power Dissipation (TA = +70°C) (Note 1)
10-Pin μMAX (derate 8.8mW/°C above +70°C).......707.3mW
16-Pin QSOP (derate 9.6mW/°C above +70°C).......771.5mW
Operating Temperature Range......................... -40°C to +125°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
(Note 1)
μMAX
Junction-to-Ambient Thermal Resistance (θJA) .....113.1°C/W
Junction-to-Case Thermal Resistance (θJC)...............42°C/W
QSOP
Junction-to-Ambient Thermal Resistance (θJA) .....103.7°C/W
Junction-to-Case Thermal Resistance (θJC)...............37°C/W
(VCC = 5V, VGND = 0V, MAX9925/MAX9927 gain setting = 1V/V, Mode A1, VBIAS = 2.5V, VPULLUP = 5V, RPULLUP = 1kΩ, CCOUT =
50pF. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
http://www.maximintegrated.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Operating Supply Range
VCC
(Note 3)
4.5
5.5
V
Supply Current
ICC
MAX9924/MAX9925
2.6
5
mA
MAX9926/MAX9927
4.7
10
Power-On Time
PON
VCC > VUVLO = 4.1V, step time for
VCC ~ 1µs
30
150
µs
INPUT OPERATIONAL AMPLIFIER (MAX9925/MAX9927)
Input Voltage Range
IN+, IN-
Guaranteed by CMRR
0
VCC
V
Input Offset Voltage
VOS-OA
Temperature drift
5
µV/°C
0.5
3
mV
Input Bias Current
IBIAS
(Note 4)
0.1
6
nA
Input Offset Current
IOFFSET
(Note 4)
0.05
2
nA
Common-Mode Rejection Ratio
CMRR
From VCM = 0 to VCC
75
102
dB
Power-Supply Rejection Ratio
PSRR
MAX9925
88
105
dB
MAX9927
77
94
Output Voltage Low
VOL
IOL = 1mA
0.050
V
Output Voltage High
VOH
IOH = -1mA
VCC
-0.050
V
Recovery Time from Saturation
tSAT
To 1% of the actual VOUT after output
saturates
1.2
µs
Gain-Bandwidth Product
GBW
1.4
MHz
Slew Rate
SR
2.3
V/µs
Charge-Pump Frequency
fCP
1.3
MHz
www.maximintegrated.com
Maxim Integrated │ 2
MAX9924–MAX9927
Variable Reluctance Sensor Interfaces with
Differential Input and Adaptive Peak Threshold
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics
Package Thermal Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com