Electronic Components Datasheet Search
  English  ▼

X  

MAX9924 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX9924
Description  Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9924 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX9924 Datasheet HTML 7Page - Analog Devices MAX9924 Datasheet HTML 8Page - Analog Devices MAX9924 Datasheet HTML 9Page - Analog Devices MAX9924 Datasheet HTML 10Page - Analog Devices MAX9924 Datasheet HTML 11Page - Analog Devices MAX9924 Datasheet HTML 12Page - Analog Devices MAX9924 Datasheet HTML 13Page - Analog Devices MAX9924 Datasheet HTML 14Page - Analog Devices MAX9924 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
MAX9927
VCC
IN1-
VCC
IN1+
BIAS1
OP AMP
COMPARATOR
30%
BUFFER
VMIN
THRESHOLD
85ms
WATCHDOG
PEAK
DETECTOR
COUT1
EXT1
GND
OUT1
VCC
VCC
IN2-
VCC
IN2+
BIAS2
OP AMP
COMPARATOR
30%
BUFFER
VMIN
THRESHOLD
85ms
WATCHDOG
PEAK
DETECTOR
COUT2
OUT1
EXT2
MODE
LOGIC
INT_THRS2
INT_THRS1
www.maximintegrated.com
Maxim Integrated │ 11
MAX9924–MAX9927
Variable Reluctance Sensor Interfaces with
Differential Input and Adaptive Peak Threshold
Functional Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com