Electronic Components Datasheet Search
  English  ▼

X  

MAX9924 Datasheet(PDF) 7 Page - Analog Devices

Part # MAX9924
Description  Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9924 Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX9924 Datasheet HTML 3Page - Analog Devices MAX9924 Datasheet HTML 4Page - Analog Devices MAX9924 Datasheet HTML 5Page - Analog Devices MAX9924 Datasheet HTML 6Page - Analog Devices MAX9924 Datasheet HTML 7Page - Analog Devices MAX9924 Datasheet HTML 8Page - Analog Devices MAX9924 Datasheet HTML 9Page - Analog Devices MAX9924 Datasheet HTML 10Page - Analog Devices MAX9924 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
PIN
NAME
FUNCTION
MAX9924
MAX9925
MAX9926
MAX9927
1
1
—
—
IN+
Noninverting Input
2
2
—
—
IN-
Inverting Input
—
3
—
—
OUT
Amplifier Output
3
—
—
—
N.C.
No Connection. Not internally connected.
4
4
—
—
BIAS
Input Bias. Connect to an external resistor-divider and bypass
to ground with a 0.1µF and 10µF capacitor.
5
5
11
11
GND
Ground
6
6
13
—
ZERO_EN
Zero-Crossing Enable. Mode configuration pin, internally
pulled up to VCC with 10kΩ resistor.
7
7
—
—
COUT
Comparator Output. Open-drain output, connect a 10kΩ
pullup resistor from COUT to VPULLUP.
8
8
—
—
EXT
External Reference Input. Leave EXT unconnected in Modes
A1, A2. Apply an external voltage in Modes B, C.
9
9
—
—
INT_THRS
Internal Adaptive Threshold. Mode configuration pin.
10
10
14
14
VCC
Power Supply
—
—
1
1
INT_THRS1
Internal Adaptive Threshold 1. Mode configuration pin.
—
—
2
2
EXT1
External Reference Input 1. Leave EXT unconnected in
Modes A1, A2. Apply an external voltage in Modes B, C.
—
—
3
3
BIAS1
Input Bias 1. Connect to an external resistor-divider and
bypass to ground with a 0.1µF and 10µF capacitor.
—
—
4
4
COUT1
Comparator Output 1. Open-drain output, connect a 10kΩ
pullup resistor from COUT1 to VPULLUP.
—
—
5
5
COUT2
Comparator Output 2. Open-drain output, connect a 10kΩ
pullup resistor from COUT2 to VPULLUP.
—
—
6
6
BIAS2
Input Bias 2. Connect to an external resistor-divider and
bypass to ground with a 0.1µF and 10µF capacitor.
—
—
7
7
EXT2
External Reference Input 2. Leave EXT unconnected in
Modes A1, A2. Apply an external voltage in Modes B, C.
—
—
8
8
INT_THRS2
Internal Adaptive Threshold 2. Mode configuration pin.
—
—
9
9
IN2+
Noninverting Input 2
—
—
10
10
IN2-
Inverting Input 2
—
—
12
—
DIRN
Rotational Direction Output. Open-drain output, connect a
pullup resistor from DIRN to VPULLUP.
—
—
—
12
OUT2
Amplifier Output 2
—
—
—
13
OUT1
Amplifier Output 1
—
—
15
15
IN1-
Noninverting Input 1
—
—
16
16
IN1+
Inverting Input 1
www.maximintegrated.com
Maxim Integrated │ 7
MAX9924–MAX9927
Variable Reluctance Sensor Interfaces with
Differential Input and Adaptive Peak Threshold
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com