Electronic Components Datasheet Search
  English  ▼

X  

MAX9924 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX9924
Description  Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9924 Datasheet(HTML) 3 Page - Analog Devices

  MAX9924 Datasheet HTML 1Page - Analog Devices MAX9924 Datasheet HTML 2Page - Analog Devices MAX9924 Datasheet HTML 3Page - Analog Devices MAX9924 Datasheet HTML 4Page - Analog Devices MAX9924 Datasheet HTML 5Page - Analog Devices MAX9924 Datasheet HTML 6Page - Analog Devices MAX9924 Datasheet HTML 7Page - Analog Devices MAX9924 Datasheet HTML 8Page - Analog Devices MAX9924 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
(VCC = 5V, VGND = 0V, MAX9925/MAX9927 gain setting = 1V/V, Mode A1, VBIAS = 2.5V, VPULLUP = 5V, RPULLUP = 1kΩ, CCOUT =
50pF. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT DIFFERENTIAL AMPLIFIER (MAX9924/MAX9926)
Input Voltage Range
IN+, IN-
Guaranteed by CMRR
-0.3
VCC +
0.3
V
Differential Amplifier
Common-Mode Rejection Ratio
CMRR
MAX9924 (Note 5)
60
87
dB
MAX9926 (Note 5)
55
78
Input Resistance
RIN
(Note 5)
65
100
135
kΩ
ADAPTIVE PEAK DETECTION
Zero-Crossing Threshold
VZERO_THRESH
Mode B
operation
(Notes 5, 6)
MAX9924/MAX9925
-6.5
0
+6.5
mV
MAX9926/MAX9927
-6.5
0
+10
Fixed and Adaptive Peak
Threshold
VADAPTIVE
Adaptive peak threshold
33
%PK
VMIN-THRESH
Minimum threshold of hysteresis
comparator MAX9924/MAX9926
(Notes 5, 6)
4
15
30
mV
Minimum threshold of hysteresis
comparator MAX9925/MAX9927
(Notes 5, 6)
20
30
50
VMIN-THRESH - VZERO-THRESH for
MAX9924 (Notes 5, 6)
7
15
26
VMIN-THRESH - VZERO-THRESH for
MAX9926 (Notes 5, 6)
2
15
30
VMIN-THRESH - VZERO-THRESH for
MAX9925/MAX9927 (Notes 5, 6)
19
30
50
Watchdog Timeout for Adaptive
Peak Threshold
tWD
Timing window to reset the adaptive
peak threshold if not triggered (input
level below threshold)
45
85
140
ms
ENTIRE SYSTEM
Comparator Output Low Voltage
VCOUT_OL
0.2
V
Propagation Delay
tPDZ
Overdrive = 2V to 3V, zero-crossing
path
50
ns
tPDA
Overdrive = 2V to 3V, adaptive peak
path
150
COUT Transition Time
tHL-LH
2
ns
Propagation Delay Jitter
tPD-JITTER
Includes noise of differential amplifier
and comparator, f = 10kHz,
VIN = 1VP-P sine wave
20
ns
www.maximintegrated.com
Maxim Integrated │ 3
MAX9924–MAX9927
Variable Reluctance Sensor Interfaces with
Differential Input and Adaptive Peak Threshold
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com