Electronic Components Datasheet Search
  English  ▼

X  

MAX9924 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX9924
Description  Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9924 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX9924 Datasheet HTML 9Page - Analog Devices MAX9924 Datasheet HTML 10Page - Analog Devices MAX9924 Datasheet HTML 11Page - Analog Devices MAX9924 Datasheet HTML 12Page - Analog Devices MAX9924 Datasheet HTML 13Page - Analog Devices MAX9924 Datasheet HTML 14Page - Analog Devices MAX9924 Datasheet HTML 15Page - Analog Devices MAX9924 Datasheet HTML 16Page - Analog Devices MAX9924 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Differential Amplifier
The input operational amplifier is a rail-to-rail input and
output precision amplifier with CMOS input bias currents,
low offset voltage (VOS) and drift. A novel input archi-
tecture eliminates crossover distortion at the operational
amplifier inputs normally found in rail-to-rail input struc-
tures. These features enable reliable small-signal detec-
tion for VR sensors.
The MAX9924/MAX9926 include on-chip precision-
matched low-ppm resistors configured as a differential
amplifier. High-quality matching and layout of these resis-
tors produce extremely high DC and AC CMRR that is
important to maintain noise immunity. The matched ppm-
drift of the resistors guarantees performance across the
entire -40°C to +125°C automotive temperature range.
Bias Reference
In Modes A1, B, and C, a well-decoupled external
resistor-divider generates a VCC/2 signal for the BIAS
input that is used to reference all internal electronics in the
device. BIAS should be bypassed with a 0.1μF and 10μF
capacitor in parallel with the lower half of the resistor-
divider forming a lowpass filter to provide a stable external
BIAS reference.
The minimum threshold, adaptive peak threshold, zero-
crossing threshold signals are all referenced to this volt-
age. An input buffer eliminates loading of resistor-dividers
due to differential amplifier operation. Connect BIAS to
ground when operating in Mode A2. An internal (2.5V
typical) reference is used in Mode A2, eliminating external
components.
Adaptive Peak Threshold
Modes A1 and A2 in the MAX9924–MAX9927 use an
internal adaptive peak threshold voltage to trigger the
output comparator. This adaptive peak threshold voltage
scheme provides robust noise immunity to the input VR
signal, preventing false triggers from occurring due to bro-
ken tooth or off-centered gear-tooth wheel. See Figure 1.
The sensor signal at the output of the differential gain
stage is used to generate a cycle-by-cycle adaptive
peak threshold voltage. This threshold voltage is 1/3 of
the peak of the previous cycle of the input VR signal.
As the sensor signal peak voltage rises, the adaptive
peak threshold voltage also increases by the same ratio.
Conversely, decreasing peak voltage levels of the input
VR signal causes the adaptive peak threshold voltage
used to trigger the next cycle also to decrease to a new
lower level. This threshold voltage then provides an arm-
ing level for the zero-crossing circuit of the comparator
(see the Zero Crossing section).
If the input signal voltage remains lower than the adaptive
peak threshold for more than 85ms, an internal watchdog
timer drops the threshold level to a default minimum
threshold (VMIN_THRESH). This ensures pulse recogni-
tion recovers even in the presence of intermittent sensor
connection.
The internal adaptive peak threshold can be disabled and
directly fed from the EXT input. This mode of operation
is called Mode B, and allows implementations of custom
threshold algorithms in firmware. This EXT voltage is typi-
cally generated by filtering a PWM-modulated output from
an onboard microcontroller (μC). An external operational
amplifier can also be used to construct an active lowpass
filter to filter the PWM-modulated EXT signal.
Figure 1. Adaptive Peak Threshold Operation
20ms
V1
40ms
60ms
COUT
VR
SIGNAL
ADAPTIVE
THRESHOLD
SET BY V1
ADAPTIVE
THRESHOLD
SET BY V2
MIN
THRESHOLD
80ms
100ms
120ms
140ms
160ms
85ms
V1
1
3
V2
1/3 V2
180ms
200ms
www.maximintegrated.com
Maxim Integrated │ 13
MAX9924–MAX9927
Variable Reluctance Sensor Interfaces with
Differential Input and Adaptive Peak Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com