Electronic Components Datasheet Search
  English  ▼

X  

MP5424 Datasheet(PDF) 42 Page - Monolithic Power Systems

Part # MP5424
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5424 Datasheet(HTML) 42 Page - Monolithic Power Systems

Back Button MP5424 Datasheet HTML 36Page - Monolithic Power Systems MP5424 Datasheet HTML 37Page - Monolithic Power Systems MP5424 Datasheet HTML 38Page - Monolithic Power Systems MP5424 Datasheet HTML 39Page - Monolithic Power Systems MP5424 Datasheet HTML 40Page - Monolithic Power Systems MP5424 Datasheet HTML 41Page - Monolithic Power Systems MP5424 Datasheet HTML 42Page - Monolithic Power Systems MP5424 Datasheet HTML 43Page - Monolithic Power Systems MP5424 Datasheet HTML 44Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
42
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN-26 (3.5mmx4.5mm)
PACKAGE OUTLINE DRAWING FOR 26L FCQFN (3.5X4.5MM)-2
MF-PO-D-0426 revision 0.0
SIDE VIEW
BOTTOM VIEW
NOTE:
1) LAND PATTERNS OF PIN1,9,14,22 HAVE THE SAME
LENGTH AND WIDTH.
2)ALL DIMENSIONS ARE IN MILLIMETERS.
3) LEAD COPLANARITY SHALL BE 0.08
MILLIMETERS MAX.
4) JEDEC REFERENCE IS MO-220.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
MARKING
TOP VIEW
PIN 1 ID
INDEX AREA
RECOMMENDED LAND PATTERN
PIN 1 ID
0.15X45º TYP
0.15X45º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com