Electronic Components Datasheet Search
  English  ▼

X  

MP5424 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5424
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5424 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5424 Datasheet HTML 1Page - Monolithic Power Systems MP5424 Datasheet HTML 2Page - Monolithic Power Systems MP5424 Datasheet HTML 3Page - Monolithic Power Systems MP5424 Datasheet HTML 4Page - Monolithic Power Systems MP5424 Datasheet HTML 5Page - Monolithic Power Systems MP5424 Datasheet HTML 6Page - Monolithic Power Systems MP5424 Datasheet HTML 7Page - Monolithic Power Systems MP5424 Datasheet HTML 8Page - Monolithic Power Systems MP5424 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
MP5424
5V PMIC with Four 4.5A/2.5A/4.5A/2A
Buck Converters, 3 LDOs, 1 Load Switch,
and Flexible System Settings via I2C and MTP
MP5424 Rev. 1.0
MonolithicPower.com
1
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
DESCRIPTION
The MP5424 is a complete power management
solution that integrates four high-efficiency step-
down DC/DC converters, three low-dropout
(LDO) regulators, one load switch, and a flexible
logic interface.
Constant-on-time (COT) control in the DC/DC
converter provides fast transient response. The
1.1MHz default switching frequency (fSW) during
continuous conduction mode (CCM) greatly
reduces
the
external
inductance
and
capacitance. Full protection features include
under-voltage lockout (UVLO) protection, over-
current
protection
(OCP),
over-voltage
protection (OVP), and thermal shutdown.
The output voltage (VOUT) can be adjusted via the
I2C
bus
or
preset
by
the
multiple-time
programmable
(MTP)
interface.
The
start-
up/shutdown sequence can also be configured
via the MTP and controlled via the I2C bus.
The MP5424 requires a minimal number of
external components, and is available in a small
QFN-26 (3.5mmx4.5mm) package.
FEATURES
• High-Efficiency Step-Down Converters:
o
Buck 1: 4.5A DC/DC Converter
o
Buck 2: 2.5A DC/DC Converter
o
Buck 3: 4.5A DC/DC Converter
o
Buck 4: 2A DC/DC Converter
o
Buck 1 and Buck 3 Can Work in Parallel
o
Buck 2 and Buck 4 Can Work in Parallel
o
2.7V to 5.5V Operating VIN Range
o
Buck 1, Buck 2, and Buck 3 Selectable
VOUT Range: 0.4V to 2.2V/7.4mV Step or
0.4V to 3.58V VOUT/12.5mV Step
o
Buck 4 VOUT Range: 0.4V to 3.58V
VOUT/12.5mV Step
o
Adjustable Switching Frequency (fSW)
o
Adjustable Soft-Start Time (tSS)
o
Adjustable Phase Delay
o
Configurable Forced PWM (FPWM)
Mode or Auto-PFM/PWM Mode
o Output OCP and OVP
• Low-Dropout (LDO) Regulators:
o Three 300mA, Low-Noise LDOs
o Two Separate Input Power Supplies
o 50mV Dropout at 300mA Load
• Load Switch:
o 2.7V to 5.5V/3A Load Switch
o
50mΩ On Resistance at VIN = 5V
o On/Off Control via the I2C and
Programmable Sequence
o
Configurable Output Discharge Function
via the I2C (Default: On)
• System:
o I2C Bus and User-Programmable MTP
o Two-Time Programmable MTP (1)
o Start-Up/Shutdown Control
o Enable Pin (EN1) for Sleep Mode Entry
and Recovery Control
o Start-Up Reset Output
o Flexible Start-Up/Shutdown Sequence
via MTP (0.5ms, 2ms, 8ms, or 16ms
Selectable Time Slot)
o
Available in a QFN-26 (3.5mmx4.5mm)
Package
Optimized Performance with
MPS Inductor MPL-AL6050
Series
Note:
1) The two-time programmable MTP is only for the standard
version of the MP5424GRM-0000.
APPLICATIONS
• General Consumer
• Camera Modules
• 3.3V/5V Powered Systems
• Space-Limited Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
registered trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MP5424

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5420 MPS-MP5420 Datasheet
470Kb / 10P
High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
MP5420DM MPS-MP5420DM Datasheet
470Kb / 10P
High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
MP5421 MPS-MP5421 Datasheet
480Kb / 12P
High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
MP5421DM MPS-MP5421DM Datasheet
480Kb / 12P
High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
More results

Similar Description - MP5424

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
Dialog Semiconductor
SLG59M1527V DIALOG-SLG59M1527V Datasheet
213Kb / 11P
Dual 4.5A GreenFET 3 Load Switch
SLG59M1526V DIALOG-SLG59M1526V Datasheet
153Kb / 10P
Dual 4.5A GreenFET 3 Load Switch
logo
Renesas Technology Corp
ISL91128 RENESAS-ISL91128 Datasheet
999Kb / 17P
High Efficiency Buck-Boost Regulator with 4.5A Switches and I2C Interface
logo
Shenzhen X-Powers Techn...
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
logo
Dialog Semiconductor
SLG59M1804V DIALOG-SLG59M1804V Datasheet
206Kb / 11P
Dual 4.5A GreenFET 3 Load Switch
logo
Renesas Technology Corp
SLG59M1804V RENESAS-SLG59M1804V Datasheet
497Kb / 12P
Dual 4.5A GreenFET Load Switch
February 8, 2022
SLG59M1526V RENESAS-SLG59M1526V Datasheet
358Kb / 11P
Dual 4.5A GreenFET Load Switch
February 4, 2022
SLG59M1603V RENESAS-SLG59M1603V Datasheet
359Kb / 11P
Dual 4.5A Load Switch with Discharge and Reverse Current Blocking
February 4, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com