Electronic Components Datasheet Search
  English  ▼

X  

MP5424 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP5424
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5424 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP5424 Datasheet HTML 5Page - Monolithic Power Systems MP5424 Datasheet HTML 6Page - Monolithic Power Systems MP5424 Datasheet HTML 7Page - Monolithic Power Systems MP5424 Datasheet HTML 8Page - Monolithic Power Systems MP5424 Datasheet HTML 9Page - Monolithic Power Systems MP5424 Datasheet HTML 10Page - Monolithic Power Systems MP5424 Datasheet HTML 11Page - Monolithic Power Systems MP5424 Datasheet HTML 12Page - Monolithic Power Systems MP5424 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
9
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN1 = VIN2 = VIN3 = VIN4 = VIN5 = VAVIN = 5V, TJ = -40°C to +125°C (11), typical values are tested at
TJ = 25°C, unless otherwise noted. (12)
Parameter
Symbol
Condition
Min
Typ
Max
Units
Output OVP falling
threshold
VOVP2_FALLING
Buck 2
105
110
115
% of
VREF
Buck 4
105
110
115
% of
VREF
Load Switch
Operating input voltage
range
VIN_LSW
2.7
5.5
V
Load switch on resistance
RDS(ON)_LSW
VLSWI = 5V, 1A load
50
m
Ω
Output discharge resistance
ROUT_DIS3
3
7
20
Ω
Soft-start slew rate
tSS_LSW
COUT = 10µF
1.5
mV/μs
Low Dropout (LDO) Regulators (LDO 2, LDO 4, and LDO 5)
Output voltage
VLDO2
IOUT = 10mA
1.764
1.8
1.836
V
VLDO4
IOUT = 10mA
3.234
3.3
3.366
V
VLDO5
IOUT = 10mA
3.234
3.3
3.366
V
PSRR (13)
PSRR1k
LDO4 and LDO5, VOUTx = 1.8V
52
dB
Dropout voltage
VDROP1
VOUTx = 3V, IOUT = 300mA
50
mV
Current limit
ILIMIT_LDO2
VINx = 3.3V, VOUTx drops 33%
300
430
600
mA
ILIMIT_LDO_LS
LDO4 and LDO5 set ILIM bit to 0,
VINx = 3.3V, VOUTx drops 33%
380
520
660
mA
ILIMIT_LDO_HS
LDO4 and LDO5 set ILIM bit to 1,
VINx = 3.3V, VOUTx drops 33%
580
790
1000
mA
Output discharge resistance
ROUT_DIS4
3
7
20
Ω
Soft-start time
tSS_B2
VOUTx = 10% to 90%,
COUT = 2.2µF
50
μs
Line regulation
VIN2 = VIN5 = 2.8V to 5.5V
0.3
%/V
Load regulation
VIN2 = VIN5 = 3.3V,
IOUT = 10mA to 100mA
0.5
%
Logic Pins
PWRON pull-up current
IPWRON
AVIN is pulled up internally
5
9
13
μA
PWRON rising threshold
VPWR_RISING
0.8
1
1.2
V
PWRON voltage hysteresis
VPWR_HYS
100
mV
EN1 rising threshold
VPWR_ RISING
0.8
1
1.2
V
EN1 voltage hysteresis
VPWR_HYS
100
mV
PG rising threshold
VPG_ RISING
RSTO_MODE = 01
86
90
94
% of
VFB
PG falling threshold
VPG_FALLING
RSTO_MODE = 01
76
80
84
% of
VFB
PFI rising threshold
VPFI_ RISING
RSTO_MODE = 10
3.8
4
4.2
V
PFI hysteresis
VPFI_HYS
7
% of
VPFI_
RISING
RSTO rising delay
tDELAY_RSTO
Adjustable via the I2C/MTP
30
50
70
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com