Electronic Components Datasheet Search
  English  ▼

X  

MP5424 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5424
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5424 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5424 Datasheet HTML 6Page - Monolithic Power Systems MP5424 Datasheet HTML 7Page - Monolithic Power Systems MP5424 Datasheet HTML 8Page - Monolithic Power Systems MP5424 Datasheet HTML 9Page - Monolithic Power Systems MP5424 Datasheet HTML 10Page - Monolithic Power Systems MP5424 Datasheet HTML 11Page - Monolithic Power Systems MP5424 Datasheet HTML 12Page - Monolithic Power Systems MP5424 Datasheet HTML 13Page - Monolithic Power Systems MP5424 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
10
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN1 = VIN2 = VIN3 = VIN4 = VIN5 = VAVIN = 5V, TJ = -40°C to +125°C (11), typical values are tested at
TJ = 25°C, unless otherwise noted. (12)
Parameter
Symbol
Condition
Min
Typ
Max
Units
I2C Interface Specifications (14)
Input logic high
VIN_HIGH
1.4
V
Input logic low
VIN_LOW
0.4
V
Output voltage logic low
VOUT_LOW
RSTO pin, 4mA sink
0.4
V
SCL clock frequency
fSCL
3.4
MHz
SCL high time
tHIGH_SCL
60
ns
SCL low time
tLOW_SCL
160
ns
Data setup time
tSU_DATA
10
ns
Data hold time
tHD_DATA
70
ns
Set-up time for repeated
start
tSU.START
160
ns
Hold time for repeated start
tHOLD.START
160
ns
Bus free time between a
start and a stop condition
tBUS_FREE
160
ns
Set-up time for stop
condition
tSU_STOP
160
ns
Rise time of SCL and SDA
tRISE
10
300
ns
Fall time of SCL and SDA
tFALL
10
300
ns
Suppressed spike pulse
width
tSPIKE
0
50
ns
Capacitance for each bus
line
CBUS
400
pF
Notes:
11) Guaranteed by over-temperature correlation. Not tested in production.
12) Tested with default version (MP5424GRM-0000), unless otherwise noted.
13) Guaranteed by engineering sample characterization.
14) It is recommended to use I2C function after the start-up sequence is complete (e.g. all enabled power rails have completed start up). Figure
2 shows the I2C timing diagram for reading the I2C interface specifications.
I2C TIMING DIAGRAM
Figure 2: I2C Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com