Electronic Components Datasheet Search
  English  ▼

X  

MP5424 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP5424
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5424 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP5424 Datasheet HTML 2Page - Monolithic Power Systems MP5424 Datasheet HTML 3Page - Monolithic Power Systems MP5424 Datasheet HTML 4Page - Monolithic Power Systems MP5424 Datasheet HTML 5Page - Monolithic Power Systems MP5424 Datasheet HTML 6Page - Monolithic Power Systems MP5424 Datasheet HTML 7Page - Monolithic Power Systems MP5424 Datasheet HTML 8Page - Monolithic Power Systems MP5424 Datasheet HTML 9Page - Monolithic Power Systems MP5424 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
6
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (3)
VIN1, VIN2, VIN3, VIN4, VIN5, VAVIN ...............................
………………….-0.3V to +6.5V (6.8V for 300ms)
VSWx ...................................................................
-0.6V (-5V for <10ns) to VINx + 0.3V (7V for <10ns)
All other pins............................. -0.3V to +6.25V
Continuous power dissipation (TA = 25°C) (4) (8)
QFN-26 (3.5mmx4.5mm)
………………....6.25W
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature................ -65°C to +150°C
ESD Ratings (5) (6)
Human body model (HBM) ....................... ± 2kV
Charged device model (CDM).................± 750V
Recommended Operating Conditions (7)
Step-down converter (VINx)............. 2.7V to 5.5V
Step-down converter (VOUTx)……........................
……………………………….0.4V to 3.58V or VINx
LDO regulator output (VLDOx)……………………...
……………………………...0.65V to 3.58V or VINx
Load switch output (VOUT_LSW) ........ 2.7V to 5.5V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance
θJA
θJC
QFN-26 (3.5mmx4.5mm)
EV5424-R-00A (8) ................... 20 ....... 5.... °C/W
JESD51-7 (9) (10) ...................... 44 ....... 9.... °C/W
Notes:
3) Exceeding these ratings may damage the device.
4) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can cause excessive die temperature, and the
device may go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
5) HBM is measured in accordance with JEDEC specification
JESD22-A114. JEDEC document JEP155 states that a 500V
HBM allows for safe manufacturing with a standard ESD
control process.
6) CDM is measured in accordance with JEDEC specification
JESD22-C101. JEDEC document JEP157 states that a 250V
CDM allows for safe manufacturing with a standard ESD
control process.
7) The device is not guaranteed to function outside of its operating
conditions.
8) Measured on EV5424-R-00A, 4-layer PCB.
9) Measured on JESD51-7, 4-layer PCB. The values given in this
table are only valid for comparison with other packages and
cannot be used for design purposes.
10) These values were calculated in accordance with JESD51-7,
and simulated on a specified JEDEC board. They do not
represent the performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com