Electronic Components Datasheet Search
  English  ▼

X  

MP5424 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5424
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5424 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5424 Datasheet HTML 1Page - Monolithic Power Systems MP5424 Datasheet HTML 2Page - Monolithic Power Systems MP5424 Datasheet HTML 3Page - Monolithic Power Systems MP5424 Datasheet HTML 4Page - Monolithic Power Systems MP5424 Datasheet HTML 5Page - Monolithic Power Systems MP5424 Datasheet HTML 6Page - Monolithic Power Systems MP5424 Datasheet HTML 7Page - Monolithic Power Systems MP5424 Datasheet HTML 8Page - Monolithic Power Systems MP5424 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
5
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
FB1
Buck 1 feedback. Connect buck
1’s output directly to the FB1 pin.
2
PWRON
Start-up/shutdown input. The PWRON pin is a logic input pin that can start up or shut down
the device. PWRON has a weak internal pull-up current.
3
VIN1
Buck 1 supply voltage input. The MP5424 operates from a 2.7V to 5.5V input rail. Use a
ceramic decoupling capacitor to decouple the input rail. Use a wide PCB trace for VIN1 path.
VIN1, VIN2, VIN3, VIN4, and AVIN should be connected to the same bus voltage (VBUS).
4
SW1
Buck 1 switch output. Use a wide PCB trace for SW1 path.
5
GND1
Buck 1 and buck 3 power ground. The GND1 pin requires special consideration during PCB
layout. Connect GND1 to ground using copper traces and vias.
6
SW3
Buck 3 switch output. Use a wide PCB trace for SW3 path.
7
VIN3
Buck 3 supply voltage input. The MP5424 operates from a 2.7V to 5.5V input rail. Use a
ceramic decoupling capacitor to decouple the input rail. Use a wide PCB trace for VIN3 path.
VIN1, VIN2, VIN3, VIN4, and AVIN should be connected to the same VBUS.
8
FB3
Feedback of buck3.
Connect buck 3’s output directly to the FB3 pin.
9
RSTO
Reset output from the PMIC to CPU. The RSTO pin is an open-drain output. RSTO requires
an external pull-up resistor.
10
SCL
I2C clock signal input.
11
SDA
I2C data pin.
12
OUT4
LDO4 output. The LDO4 pin is powered by VIN5.
13
VIN5
LDO4 and LDO5 power input pin. This VIN5 pin operates from a 2.7V to 5.5V input voltage
(VIN). Connect the VIN5 and VIN1 pins if LDO4 and LDO5 are not used.
15
FB4
Buck 4 feedback.
Connect buck ’s output directly to the FB4 pin.
16
VIN4
Buck 4 supply voltage input. The MP5424 operates from a 2.7V to 5.5V input rail. Use a
ceramic decoupling capacitor to decouple the input rail. Use a wide PCB trace for VIN4 path.
VIN1, VIN2, VIN3, VIN4, and AVIN should be connected to the same VBUS.
17
SW4
Buck 4 switch output. Use a wide PCB trace for SW4 path
18
GND2
Buck 2 and buck 4 power ground. The GND2 pin requires special consideration during PCB
layout. Connect GND2 to ground using copper traces and vias.
19
SW2
Buck 2 switch output. Use a wide PCB trace for SW2 path
20
VIN2
Buck 2 supply voltage input. The MP5424 operates from a 2.7V to 5.5V input rail. Use a
ceramic decoupling capacitor to decouple the input rail. Use a wide PCB trace for VIN2 path.
VIN1, VIN2, VIN3, VIN4, and AVIN must be connected to the same bus voltage.
21
FB2
Buck 2 feedback.
Connect buck 2’s output directly to the FB2 pin.
22
OUT2
LDO 2 output. LDO 2 is powered by VIN2. If the OUT2 pin is configured as EN1, then OUT2
acts as an input pin. Pull EN1 high to turn on the PMIC; pull EN1 low to turn it off.
23
LSWI
Load switch input.
24
LSWO/
EN1
Load switch output or EN1. If the LSWO/EN1 pin is configured as EN1, then LSWO/EN1
acts as an input pin.
25
AGND
Analog ground. Connect the AGND pin to the GND1 and GND2 pins.
26
AVIN
Power supply input for logic circuitry. Use a 0.1µF ceramic capacitor to bypass the AVIN
pin to AGND. Connect AVIN to the system input via
a . Ω resistor. VIN1, VIN2, VIN3, VIN4,
and AVIN should be connected to the same VBUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com