Electronic Components Datasheet Search
  English  ▼

X  

VL6624 Datasheet(PDF) 58 Page - STMicroelectronics

Part # VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 54Page - STMicroelectronics VL6624 Datasheet HTML 55Page - STMicroelectronics VL6624 Datasheet HTML 56Page - STMicroelectronics VL6624 Datasheet HTML 57Page - STMicroelectronics VL6624 Datasheet HTML 58Page - STMicroelectronics VL6624 Datasheet HTML 59Page - STMicroelectronics VL6624 Datasheet HTML 60Page - STMicroelectronics VL6624 Datasheet HTML 61Page - STMicroelectronics VL6624 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 106 page
background image
Register map
VL6624/VS6624
58/106
0x0434
bContrast1
Default value
0x87
Purpose
contrast control for both YCbCr and RGB output.
Type
BYTE
0x0436
bColourSaturation1
Default value
0x78
Purpose
colour saturation control for both YCbCr and RGB output.
Type
BYTE
0x0438
bGamma1
Default value
0x0f
Purpose
gamma settings.
Type
BYTE
Possible values
0 to 31
0x043a
fHorizontalMirror1
Default value
0x00
Purpose
Horizontal image orientation flip
Type
Flag_e
Possible values
<0> FALSE
<1> TRUE
0x043c
fVerticalFlip1
Default value
0x00
Purpose
Vertical image orientation flip
Type
Flag_e
Possible values
<0> FALSE
<1> TRUE
0x043e
bChannelD
Default value
0x00
Purpose
Logical DMA Channel Number
Type
BYTE
Possible values
0 to 6
1.
Can be controlled in all stable state. # denotes registers where changes will only be consumed during the transition to a
RUN state.
2.
It is possible to switch between any YCrCb (422) mode, RGB mode and Bayer 10bit or move between YCrCb 400 and a
bayer8 mode without a requiring a transition to STOP, it is not possible to move between these groups of modes without
first a transition to STOP then a BOOT.
Table 14.
Pipe setup bank1
Index
PipeSetupBank1(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com