Electronic Components Datasheet Search
  English  ▼

X  

VL6624 Datasheet(PDF) 63 Page - STMicroelectronics

Part # VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 59Page - STMicroelectronics VL6624 Datasheet HTML 60Page - STMicroelectronics VL6624 Datasheet HTML 61Page - STMicroelectronics VL6624 Datasheet HTML 62Page - STMicroelectronics VL6624 Datasheet HTML 63Page - STMicroelectronics VL6624 Datasheet HTML 64Page - STMicroelectronics VL6624 Datasheet HTML 65Page - STMicroelectronics VL6624 Datasheet HTML 66Page - STMicroelectronics VL6624 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 106 page
background image
VL6624/VS6624
Register map
63/106
0x1182
bMetering
Default value
<0> ExposureMetering_flat
Purpose
Weights to be associated with the zones for calculating the mean
statistics Exposure Weight could Centered, Backlit or Flat
Type
C
possible values
<0> ExposureMetering_flat - Uniform gain associated with all pixels
<1> ExposureMetering_backlit - more gain associated with centre pixels
and bottom pixels
<2> ExposureMetering_centred - more gain associated with centre
pixels
0x1184
bManualExposureTime_Num
Default value
0x01
Purpose
Exposure Time for Compiled Manual Mode in seconds. Num/Den gives
required exposure time
Type
BYTE
0x1186
bManualExposureTime_Den
Default value
0x1e
Type
BYTE
0x1189 (MSByte)
0x118a (LSByte)
fpManualFloatExposureTime
Default value
0x59aa (15008)
Purpose
Exposure Time for the Manual Mode. This value is in uSecs
Type
FLOAT
0x1190
iExposureCompensation
Default value
0x00
Purpose
Exposure Compensation - a user choice for setting the runtime target. A
unit of exposure compensation corresponds to 1/6 EV. Default value
according to the Nominal Target of 30 is 0. Coded Value of Exposure
compensation can take values from -25 to 12.
Type
INT8
0x1195 (MSByte)
0x1196 (LSByte)
uwDirectModeCoarseIntegrationLines
Default value
0x00
Purpose
Coarse Integration Lines to be set for Direct Mode
Type
UINT16
Table 23.
Exposure controls
Index
ExposureControls(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com