Electronic Components Datasheet Search
  English  ▼

X  

VL6624 Datasheet(PDF) 88 Page - STMicroelectronics

Part # VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 84Page - STMicroelectronics VL6624 Datasheet HTML 85Page - STMicroelectronics VL6624 Datasheet HTML 86Page - STMicroelectronics VL6624 Datasheet HTML 87Page - STMicroelectronics VL6624 Datasheet HTML 88Page - STMicroelectronics VL6624 Datasheet HTML 89Page - STMicroelectronics VL6624 Datasheet HTML 90Page - STMicroelectronics VL6624 Datasheet HTML 91Page - STMicroelectronics VL6624 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 106 page
background image
Electrical characteristics
VL6624/VS6624
88/106
13
Electrical characteristics
13.1
Absolute maximum ratings
Caution:
Stress above those listed under “Absolute Maximum Ratings” can cause permanent
damage to the device. This is a stress rating only and functional operations of the device at
these or other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
13.2
Operating conditions
Table 43.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TSTO
Storage temperature
-40
85
°C
VDD
Digital power supplies
-0.5
3.3
V
AVDD
Analog power supplies
-0.5
3.3
V
Table 44.
Supply specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
TAF
Operating temperature, functional
(Camera is electrically functional)
-30
25
70
°C
TAN
Operating temperature, nominal
(Camera produces acceptable images)
-25
25
55
°C
TAO
Operating temperature, optimal
(Camera produces optimal optical
performance)
525
30
°C
VDD
Digital power supplies operating range
(@ module pin(1))
1.
Module can contain routing resistance up to 5
Ω.
1.7
1.8
2.0
V
2.4
2.8
3.0
V
AVDD
Analog power supplies operating range
(@ module pin(1))
2.4
2.8
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com