Electronic Components Datasheet Search
  English  ▼

X  

VL6624 Datasheet(PDF) 91 Page - STMicroelectronics

Part # VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 87Page - STMicroelectronics VL6624 Datasheet HTML 88Page - STMicroelectronics VL6624 Datasheet HTML 89Page - STMicroelectronics VL6624 Datasheet HTML 90Page - STMicroelectronics VL6624 Datasheet HTML 91Page - STMicroelectronics VL6624 Datasheet HTML 92Page - STMicroelectronics VL6624 Datasheet HTML 93Page - STMicroelectronics VL6624 Datasheet HTML 94Page - STMicroelectronics VL6624 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 106 page
background image
VL6624/VS6624
Electrical characteristics
91/106
13.6
I²C slave interface
VL6624/VS6624 contains an I²C-type interface using two signals: a bidirectional serial data
line (SDA) and an input-only serial clock line (SCL). See
Host communication - I²C control
interface for detailed description of protocol.
Figure 33. Voltage level specification
Table 49.
Serial interface voltage levels(1)
Symbol
Parameter
Standard Mode
Fast Mode
Unit
Min.
Max.
Min.
Max.
VHYS
Hysteresis of Schmitt Trigger Inputs
VDD > 2 V
VDD < 2V
N/A
N/A
N/A
N/A
0.05 VDD
0.1 VDD
-
-
V
V
VOL1
VOL3
LOW level output voltage (open drain)
at 3mA sink current
VDD > 2 V
VDD < 2V
0
N/A
0.4
N/A
0
0
0.4
0.2 VDD
V
V
VOH
HIGH level output voltage
N/A
N/A
0.8 VDD
V
tOF
Output fall time from VIHmin to VILmax with
a bus capacitance from 10 pF to 400 pF
-
250
20+0.1Cb
(2)
250
ns
tSP
Pulse width of spikes which must be
suppressed by the input filter
N/A
N/A
0
50
ns
1.
Maximum VIH = VDDmax + 0.5 V
2.
Cb = capacitance of one bus line in pF
VOH
VOL
Input voltage levels
Output voltage levels
VIL
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com