Electronic Components Datasheet Search
  English  ▼

X  

AD1934 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1934
Description  8-Channel DAC with PLL, 192 kHz, 24 Bits
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1934 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1934 Datasheet HTML 5Page - Analog Devices AD1934 Datasheet HTML 6Page - Analog Devices AD1934 Datasheet HTML 7Page - Analog Devices AD1934 Datasheet HTML 8Page - Analog Devices AD1934 Datasheet HTML 9Page - Analog Devices AD1934 Datasheet HTML 10Page - Analog Devices AD1934 Datasheet HTML 11Page - Analog Devices AD1934 Datasheet HTML 12Page - Analog Devices AD1934 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD1934
Rev. 0 | Page 9 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
AGND
1
MCLKI/XI
2
MCLKO/XO
3
AGND
4
AVDD
5
OL3 6
OR3
7
OL4 8
OR4
9
PD/RST 10
DSDATA4 11
DGND 12
AGND
36
FILTR
35
AGND
34
AVDD
33
AGND
32
OR2
31
OL2
30
OR1
29
OL1
28
CLATCH/ADR1
27
CCLK/SCL
26
DGND
25
AD1934
TOP VIEW
(Not to Scale)
SINGLE-ENDED
OUTPUT
NC = NO CONNECT
Figure 2. Pin Configuration
Table 10. Pin Function Description
Pin No.
In/Out
Mnemonic
Description
1
I
AGND
Analog Ground.
2
I
MCLKI/XI
Master Clock Input/Crystal Oscillator Input.
3
O
MCLKO/XO
Master Clock Output/Crystal Oscillator Output.
4
I
AGND
Analog Ground.
5
I
AVDD
Analog Power Supply. Connect to analog 3.3 V supply.
6
O
OL3
DAC 3 Left Output.
7
O
OR3
DAC 3 Right Output.
8
O
OL4
DAC 4 Left Output.
9
O
OR4
DAC 4 Right Output.
10
I
PD/RST
Power-Down Reset (Active Low).
11
I/O
DSDATA4
DAC Input 4 (Input to DAC 4 L and R)/DAC TDM Data Out 2.
12
I
DGND
Digital Ground.
13
I
DVDD
Digital Power Supply. Connect to digital 3.3 V supply.
14
I/O
DSDATA3
DAC Input 3 (Input to DAC 3 L and R)/DAC TDM Data In 2/Aux DAC 2 Data Output.
15
I/O
DSDATA2
DAC Input 2 (Input to DAC 2 L and R)/DAC TDM Data Out 1.
16
I
DSDATA1
DAC Input 1 (Input to DAC 1 L and R)/DAC TDM Data In 1.
17
I/O
DBCLK
Bit Clock for DACs (Regular Stereo, TDM or Daisy-Chain TDM Mode).
18
I/O
DLRCLK
LR Clock for DACs (Regular Stereo, TDM or Daisy-Chain TDM Mode).
19
O
AUXDATA1
Auxiliary Data Out 1 (to External DAC 1, Auxiliary Mode Only).
20
NC
No Connect.
21
I/O
AUXTDMBCLK
Auxiliary Mode Only DAC TDM Bit Clock.
22
I/O
AUXTDMLRCLK
Auxiliary Mode Only DAC LR TDM Clock.
23
I
CIN/ADR0
Control Data Input (SPI).
24
I/O
COUT/SDA
Control Data Output (SPI).
25
I
DGND
Digital Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com