Electronic Components Datasheet Search
  English  ▼

X  

AD1934 Datasheet(PDF) 20 Page - Analog Devices

Part # AD1934
Description  8-Channel DAC with PLL, 192 kHz, 24 Bits
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1934 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1934 Datasheet HTML 16Page - Analog Devices AD1934 Datasheet HTML 17Page - Analog Devices AD1934 Datasheet HTML 18Page - Analog Devices AD1934 Datasheet HTML 19Page - Analog Devices AD1934 Datasheet HTML 20Page - Analog Devices AD1934 Datasheet HTML 21Page - Analog Devices AD1934 Datasheet HTML 22Page - Analog Devices AD1934 Datasheet HTML 23Page - Analog Devices AD1934 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD1934
Rev. 0 | Page 20 of 28
CONTROL REGISTERS
DEFINITIONS
The format is the same for I2C and SPI ports. The global address for the AD1934 is 0x04, shifted left 1 bit due to the R/W bit. However, in
I2C, ADR0 and ADR1 are OR’ed into Bit 17 and Bit 8 to provide multiple chip addressing. All registers are reset to 0, except for the DAC
volume registers that are set to full volume.
Note that the first setting in each control register parameter is the default setting.
Table 14. Register Format
Global Address
R/W
Register Address
Data
Bit
23:17
16
15:8
7:0
Table 15. Register Addresses and Functions
Address
Function
0
PLL and Clock Control 0
1
PLL and Clock Control 1
2
DAC Control 0
3
DAC Control 1
4
DAC Control 2
5
DAC individual channel mutes
6
DAC 1L volume control
7
DAC 1R volume control
8
DAC 2L volume control
9
DAC 2R volume control
10
DAC 3L volume control
11
DAC 3R volume control
12
DAC 4L volume control
13
DAC 4R volume control
14
Reserved
15
Auxiliary TDM Port Control 0
16
Auxiliary TDM Port Control 1
PLL AND CLOCK CONTROL REGISTERS
Table 16. PLL and Clock Control 0
Bit
Value
Function
Description
0
0
Normal operation
PLL power-down
1
Power-down
2:1
00
INPUT 256 (×44.1 kHz or 48 kHz)
MCLK pin functionality (PLL active)
01
INPUT 384 (×44.1 kHz or 48 kHz)
10
INPUT 512 (×44.1 kHz or 48 kHz)
11
INPUT 768 (×44.1 kHz or 48 kHz)
4:3
00
XTAL oscillator enabled
MCLKO pin
01
256 × fS VCO output
10
512 × fS VCO output
11
Off
6:5
00
MCLK
PLL input
01
DLRCLK
10
AUXTDMLRCLK
11
Reserved
7
0
Disable: DAC idle
Internal MCLK enable
1
Enable: DAC active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com